Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTG22AD Datasheet(PDF) 2 Page - SOURIAU-SUNBANK Connection Technologies

Part # UTG22AD
Description  The plastic circular connector with metal locking
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

UTG22AD Datasheet(HTML) 2 Page - SOURIAU-SUNBANK Connection Technologies

  UTG22AD Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 8Page - SOURIAU-SUNBANK Connection Technologies UTG22AD Datasheet HTML 9Page - SOURIAU-SUNBANK Connection Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Shell size
Contact # 16 (Ø 1,6)
Mixed power / signal versions
10
10-4
4 x #16 (Ø 1,6)
10-3
3 x #16 (Ø 1,6)
Group C 250V
10-3W3
3 x #16 (Ø 1,6)
3 x #20 (Ø 1,0)
12
12-8
8 x #16 (Ø 1,6)
122G1
3 x #12 (Ø 2,4)
14
14-12
12 x #16 (Ø 1,6)
14-8
4 x #12 (Ø 2,4)
4 x #16 (Ø 1,6)
16
16-19
19 x #16 (Ø 1,6)
18
18-23
23 x #16 (Ø 1,6)
18-7
Group C 380V
7 x #16 (Ø 1,6)
18-7 34
2 x #12 (Ø 2,4)
5 x #16 (Ø 1,6)
Layout
UTG Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com