Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHCB Datasheet(PDF) 2 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 2 Page - Pentair plc. All rights reserved.

  PHCB Datasheet HTML 1Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 2Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 3Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For open Frame rackS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
2
double-Sided Solid aluminum ShelF
Mounts on 19-in. open frame rack. Two shelves form double-sided
shelf. Uses 4U rack space. Made of 0.090-in. thick aluminum with
brushed finish.
Maximum load rating: 100 lb. (45.4 kg) per side, 200 lb. (90.7 kg)
total
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Includes
Rack Units
ESHDA19
5.62 x 19.31 x 9.37
143 x 490 x 238
19 in.
2 shelves
4
double-Sided, Solid aluminum, heavy duTy ShelF
Mounts on open frame rack. Two shelves form double-sided shelf.
Uses 4U rack space. Made of 0.090-in. thick aluminum with brushed
finish.
Maximum Load Rating: 150 lb. (68.0 kg) per side, 300 lb. (136.1 kg)
total
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Includes
Rack Units
ESHDHDA19
6.37 x 19.31 x 10.00
162 x 490 x 254
19 in.
2 shelves
4
SinGle-Sided Solid aluminum ShelF
Mounts in a cabinet or on a 19-in. open-frame rack and can be wall
mounted. Made of 0.090-in. thick aluminum with brushed finish.
Maximum load rating: 100 lb. (45.4 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESHA19
5.25 x 18.31 x 15.00
133 x 465 x 381
19 in.
3
SinGle-Sided Solid-STeel ShelF
Solid shelf mounts to either front or rear flange of open-frame rack.
Uses 3U of rack space. Steel with textured black finish.
Load rating: 150 lb. (68.0 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESH19S
4.85 x 19.00 x 10.50
123 x 483 x 267
19 in.
3
ESH23S
4.85 x 23.00 x 10.50
123 x 584 x 267
23 in.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com