Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS40070PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS40070PWPR
Description  HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40070PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40070PWPR Datasheet HTML 3Page - Texas Instruments TPS40070PWPR Datasheet HTML 4Page - Texas Instruments TPS40070PWPR Datasheet HTML 5Page - Texas Instruments TPS40070PWPR Datasheet HTML 6Page - Texas Instruments TPS40070PWPR Datasheet HTML 7Page - Texas Instruments TPS40070PWPR Datasheet HTML 8Page - Texas Instruments TPS40070PWPR Datasheet HTML 9Page - Texas Instruments TPS40070PWPR Datasheet HTML 10Page - Texas Instruments TPS40070PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
APPLICATION INFORMATION
MINIMUM PULSE WIDTH
SLEW RATE LIMIT ON VDD
15
9
16
13
12
10
ILIM
HDRV
SW
LDRV
VDD
PGND
TPS40070
C
R
VIN
UDG−05058
+
_
TPS40070
TPS40071
www.ti.com .................................................................................................................................................. SLUS582J – DECEMBER 2003 – REVISED APRIL 2009
The TPS40070 family of parts allows the user to construct synchronous voltage-mode buck converters with
inputs ranging from 4.5 V to 28 V and outputs as low as 700 mV. Predictive gate drive circuitry optimizes
switching delays for increased efficiency and improved converter output power capability. Voltage feed-forward is
employed to ease loop compensation and provide better line transient response.
A converter based on the TPS40070 operates as a single quadrant (source only) converter at all times. When
the rectifier FET is on and the controller senses that current is near zero in the inductor, the rectifier FET is
turned off, preventing the buildup of negative or reverse current in the inductor. This feature prevents the
converter from pulling energy from its output and forcing that energy onto its input.
Converters based on the TPS40071 operates as a two quadrant converter all the time (source and sink current).
This is the controller of choice for most applications.
The TPS4007x devices have limitations on the minimum pulse width that can be used to design a converter.
Reliable operation is guaranteed for nominal pulse widths of 250 ns and above. This places some restrictions on
the conversion ratio that can be achieved at a given switching frequency. Figure 2 shows minimum output
voltage for a given input voltage and frequency.
The regulator that supplies power for the drivers on the TPS40070/1 requires a limited rising slew rate on VDD
for proper operation if the input voltage is above 10 V. If the slew rate is too great, this regulator can over shoot
and damage to the part can occur. To ensure that the part operates properly, limit the slew rate to no more than
0.12 V/
µs as the voltage at VDD crosses 8 V. If necessary, an R-C filter can be used on the VDD pin of the
device. Connect the resistor from the VDD pin to the input supply of the converter. Connect the capacitor from
the VDD pin to PGND. There should not be excessive (more than a 200-mV) voltage drop across the resistor in
normal operation. This places some constraints on
↔ the R-C values that can be used. Figure 1 is a schematic
fragment that shows the connection of the R-C slew rate limit circuit. Equation 1 and Equation 2 give values for R
and C that limits the slew rate in the worst case condition.
Figure 1. Limiting the Slew Rate
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40070 TPS40071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com