Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPFSM205 Datasheet(PDF) 7 Page - Pentair plc. All rights reserved.

Part # PPFSM205
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPFSM205 Datasheet(HTML) 7 Page - Pentair plc. All rights reserved.

  PPFSM205 Datasheet HTML 1Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 2Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 3Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 4Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 5Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 6Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 7Page - Pentair plc. All rights reserved. PPFSM205 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE systEms
7
CENtER uPRIgHt
Center Uprights are vertical channels that attach to the frame (top
and bottom). Can be used in 800-, 1000-, 1200- and 1600-mm wide
frames to facilitate the installation of accessories for 600-mm wide
frames and 19-in. rack accessories in wider frames. The vertical
hole pattern matches the vertical hole pattern in the frame. Center
uprights are made of 12 gauge steel and finished with RAL 7035
textured light-gray polyester powder paint. Center uprights are
furnished in pairs and include mounting hardware.
Bulletin: p20
Catalog Number
H (mm)
H (in.)
Fits Frame Height
PCU7
625
24.61
700
PCU14
1325
52.16
1400
PCU16
1525
60.04
1600
PCU18
1725
67.91
1800
PCU20
1925
75.79
2000
PCU22
2125
83.66
2200
FuLL-HEIgHt VERtICaL gRId stRaPs
Grid Straps provide a vertical
extension of the frame holes in the
sides of the PROLINE frame. They
are sold in pairs with mounting
hardware included. Vertical Grid
Straps are 14 gauge plated steel.
Three-row 25-mm hole spacing
allows the use of cage nuts or front-
loading cage nuts.
Bulletin: p20
Catalog Number
L (mm)
L (in.)
Fits Frame Height
PGH3S7V
595
23.43
700
PGH3S14V
1295
50.98
1400
PGH3S16V
1495
58.86
1600
PGH3S18V
1695
66.73
1800
PGH3S20V
1895
74.61
2000
PGH3S22V
2095
82.48
2200
PROLINE FastENER PaCKagEs
Use to fasten components to the
grid system. PGF Packages include
20 front-loading clip nuts (M6) and
20 combination-drive washer-head
bolts (M6).
Grounding Package is used with
the rectangular holes in the
PROLINE frame to provide electrical
continuity between the frame and
the grid system. ASM5T Package is
used with PROLINE frames having
round holes. Package includes 20
M5 self-tapping screws.
Bulletin: DAccY, p20
Catalog Number Description
Use in
Pkg. Qty.
ASM5T
M5 x 12 mm thread-forming Phillips hex head screws
Round holes
20
PGFM6
Standard Package - M6 cage nuts and bolts
Rectangular holes 20
PGFGM6
Grounding Package - M6 grounding cage nuts and bolts Tapped holes
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com