Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCD202 Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SSCD202
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SSCD202 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SSCD202 Datasheet HTML 1Page - Zowie Technology Corporation SSCD202 Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
DATA
SHEET
PATENTED
PRELIMINARY SSCD202 THRU SSCD210
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 2.0 Amperes
FEATURES
MECHANICAL DATA
* Lead free product
* Leadless chip form , no lead damage
* Lead-free solder joint , no wire bond & lead frame
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Metal to silicon rectifier , majority carrier conduction
* Low power loss , High efficiency
* High current capability , low VF
* High surge capacity
* For using in low voltage high frequency switching power supply,
inverters , free wheeling , and polarity protection applications
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.012 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
Maximum repetitive peak reverse voltage
Maximum average forward rectified current (SEE FIG.1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0 A (NOTE 1)
Maximum DC reverse current
at rated DC blocking voltage
@TJ=25
o
C
@TJ=100
o
C
Typical thermal resistance (NOTE 2)
Storage temperature range
Operating junction temperature range
SYMBOLS
VRRM
I (AV)
IFSM
VF
IR
R JA
TJ
TSTG
2 .0
40
0.50
0.70
0.85
0.2
20
10
75
R JL
17
-55 to +150
-55 to +125
-55 to +150
UNITS
Volts
Maximum RMS voltage
VRMS
Volts
Maximum DC blocking voltage
VDC
SSCD202
20
14
20
SSCD204
40
28
40
SSCD206
60
42
60
SSCD210
100
70
100
Volts
Volts
Amps
Amps
mA
o
C / W
o
C
o
C
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
*Dimensions in inches and (millimeters)
TM
PATENTED
PATENTED
(NOTE 1)
Zowie Technology Corporation
REV. 1
1206
0.142 (3.60)
0.002 (0.05)
R0.0
16 (0.
40)
0.126 (3.20)
0.035 (0.90)
0.020 (0.50)
0.035 (0.90)
0.020 (0.50)


Similar Part No. - SSCD202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSCD202 TI-SSCD202 Datasheet
767Kb / 25P
QUAD DIGITAL ISOLATORS
logo
SeCoS Halbleitertechnol...
SSCD202 SECOS-SSCD202 Datasheet
402Kb / 2P
2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
SSCD202H ZOWIE-SSCD202H Datasheet
226Kb / 2P
Schottky Barrier Diode
SSCD202LH ZOWIE-SSCD202LH Datasheet
200Kb / 2P
Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SSCD202S SECOS-SSCD202S Datasheet
294Kb / 2P
2.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSCD202

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com