Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD12N06RLE Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RFD12N06RLE
Description  isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RFD12N06RLE Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RFD12N06RLE Datasheet HTML 1Page - Inchange Semiconductor Company Limited RFD12N06RLE Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc N-Channel MOSFET Transistor
RFD12N06RLE
www.iscsemi.com
1
FEATURES
·Drain Current -ID= 18A@ TC=25℃
·Drain Source Voltage -VDSS= 60V(Min)
·Static Drain-Source On-Resistance
-RDS(on) = 63mΩ(Max)@VGS= 10V
DESCRIPTION
·
DC-to-DC Converter
·
General Industrial Applications
·
Power Motor Control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage-Continuous
±
16
V
ID
Drain Current-Continuous
18
A
IDM
Drain Current-Single Pulse
72
A
PD
Total Dissipation @TC=25℃
49
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3.06
℃
/W


Similar Part No. - RFD12N06RLE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD12N06RLE FAIRCHILD-RFD12N06RLE Datasheet
215Kb / 10P
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD12N06RLE INTERSIL-RFD12N06RLE Datasheet
49Kb / 6P
12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD12N06RLESM FAIRCHILD-RFD12N06RLESM Datasheet
215Kb / 10P
17A, 60V, 0.071 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
RFD12N06RLESM INTERSIL-RFD12N06RLESM Datasheet
49Kb / 6P
12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
July 1999
logo
VBsemi Electronics Co.,...
RFD12N06RLESM VBSEMI-RFD12N06RLESM Datasheet
896Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - RFD12N06RLE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com