Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS640C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS640C
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS640C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS640C_07 Datasheet HTML 1Page - STMicroelectronics STPS640C_07 Datasheet HTML 2Page - STMicroelectronics STPS640C_07 Datasheet HTML 3Page - STMicroelectronics STPS640C_07 Datasheet HTML 4Page - STMicroelectronics STPS640C_07 Datasheet HTML 5Page - STMicroelectronics STPS640C_07 Datasheet HTML 6Page - STMicroelectronics STPS640C_07 Datasheet HTML 7Page - STMicroelectronics STPS640C_07 Datasheet HTML 8Page - STMicroelectronics STPS640C_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS640C
4/9
Figure 7.
Relative variation of thermal
transient impedance junction to
case versus pulse duration
(TO-220AB/DPAK)
Figure 8.
Relative variation of thermal
impedance junction to case versus
pulse duration
(TO-220FPAB)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Figure 9.
Reverse leakage current versus
reverse voltage applied (typical
values, per diode)
Figure 10.
Junction capacitance versus
reverse voltage applied (typical
values, per diode)
Figure 11.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (Epoxy printed circuit
board FR4, copper thickness:
35 µm)
0
5
10
15
20
25
30
35
40
1E-5
1E-4
1E-3
1E-2
I (A)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =75°C
j
12
5
10
20
50
10
100
500
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10.0
I
(A)
FM
V
(V)
FM
T =25°C
j
T =150°C
(typical values)
j
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
R
(°C/W)
th(j-a)
S(Cu)(cm²)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com