Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8230A Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8230A
Description  High Efficiency Single Synchronous Buck PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8230A Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8230A Datasheet HTML 9Page - Richtek Technology Corporation RT8230A Datasheet HTML 10Page - Richtek Technology Corporation RT8230A Datasheet HTML 11Page - Richtek Technology Corporation RT8230A Datasheet HTML 12Page - Richtek Technology Corporation RT8230A Datasheet HTML 13Page - Richtek Technology Corporation RT8230A Datasheet HTML 14Page - Richtek Technology Corporation RT8230A Datasheet HTML 15Page - Richtek Technology Corporation RT8230A Datasheet HTML 16Page - Richtek Technology Corporation RT8230A Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT8237E
13
DS8237E-02
October 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
the next
“ON” cycle. The on-time is kept the same as
that in heavy load condition. On the contrary, when the
output current increases from light load to heavy load, the
switching frequency increases to the preset value as the
inductor current reaches the continuous condition. This
is shown in Figure 1. The transition load point to the light
load operation is calculated as follows :
IN
OUT
LOAD
ON
VV
It
2L

where tON is the on-time.
Figure 1. Boundary Condition of CCM/DCM
The switching waveforms may appear noisy and
asynchronous when light loading causes diode-emulation
operation, but this is a normal operating condition that
results in high light load efficiency. Trade-offs in DEM noise
vs. light load efficiency is made by varying the inductor
value. Generally, low inductor values produce a broader
efficiency vs. load curve, while higher values result in higher
full load efficiency (assuming that the coil resistance
remains fixed) and less output voltage ripple. The
disadvantages for using higher inductor values include
larger physical size and degraded load transient response
(especially at low input voltage levels).
Forced-CCM Mode (FCCM)
The low noise, forced-CCM mode disables the zero-
crossing comparator, which controls the low-side switch
on-time. This causes the low-side gate drive waveform to
become the complement of the high-side gate drive
waveform. This in turn causes the inductor current to
reverse at light loads as the PWM loop to maintain duty
ratio VOUT/VIN. A fairly constant switching frequency is
the benefit of forced-CCM mode, but this comes at a cost.
The no load battery current can be up to 10mA to 40mA,
depending on the external MOSFETs.
Current Limit Setting (CS)
The RT8237E has a cycle-by-cycle current limit control.
The current limit circuit employs a unique
“valley” current
sensing algorithm. If the magnitude of the current sense
signal at PHASE is above the current limit threshold, the
PWM is not allowed to initiate a new cycle (see Figure
2). In order to provide both good accuracy and a cost
effective solution, the RT8237E supports temperature
compensated MOSFET RDS(ON) sensing.
The CS pin of the RT8237E is a multiplexed pin for PWM
enable/disable control and current limit threshold setting.
Connect a setting resistor from this pin to GND via an N-
MOSFET. When the N-MOSFET is turned off, the PWM
is disabled. When the N-MOSFET is turned on, the PWM
is enabled and the current limit threshold is equal to 1/8
of the voltage at this pin.
Choose a current limit resistor by following below equation:
RIPPLE
LOAD_OC
DS(ON)
CS_OC
OC_SET
CS
CS
I
I8 R
V
2
R
II

 



Inductor current is monitored by the voltage between the
GND and PHASE pins, so the PHASE pin should be
connected to the Drain terminal of the low-side MOSFET.
ICS has a temperature coefficient to compensate the
temperature dependency of the RDS(ON). GND is used as
the positive current sensing node, so GND should be
connected to the Source terminal of the low-side MOSFET.
As the comparison is being done during the OFF state,
VLIMIT (current limit threshold) sets the valley level of the
inductor current. Thus, the load current at over current
threshold, ILOAD_OC, can be calculated as follows :
CS_OC
RIPPLE
LOAD_OC
DS(ON)
CS_OC
IN
OUT
OUT
DS(ON)
IN
V
I
I
=
+
8R
2
V
(V
V
) V
1
=
+
8R
2 L f
V

 
IL
t
0
tON
Slope = (VIN -VOUT) / L
IL, PEAK
ILOAD = IL, PEAK / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com