Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF6906 Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDF6906
Description  60V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF6906 Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDF6906 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF6906 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF6906 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF6906 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF6906 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.02
5
PDF6906
60V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
10.460
9.860
0.412
0.388
A1
7.100
6.900
0.280
0.272
A2
3.500
3.100
0.138
0.122
A3
9.900
9.500
0.390
0.374
B1
16.170
15.570
0.637
0.613
B2
4.900
4.500
0.193
0.177
B3
6.880
6.480
0.271
0.255
C
3.500
3.100
0.138
0.122
C1
12.870
12.270
0.507
0.483
C2
13.380
12.580
0.527
0.495
D
2.590
2.490
0.102
0.098
D1
1.470
1.070
0.058
0.042
D2
0.900
0.700
0.035
0.028
E1
2.740
2.340
0.108
0.092
E3
0.600
0.400
0.024
0.016
E4
2.960
2.560
0.117
0.101
DIA
Φ1.5 TYP.
deep0.1 TYP.
Φ0.059 TYP.
deep0.004 TYP.
TO220F PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com