Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL4148-D87Z Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDLL4148-D87Z
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDLL4148-D87Z Datasheet(HTML) 2 Page - ON Semiconductor

  FDLL4148-D87Z Datasheet HTML 1Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 2Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 3Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 4Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 5Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 6Page - ON Semiconductor FDLL4148-D87Z Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1N91x, 1N4x48, FDLL914, FDLL4x48
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (Values are at TA = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IO
200
mA
DC Forward Current
IF
300
mA
Recurrent Peak Forward Current
If
400
mA
Non−repetitive Peak Forward Surge Current
Pulse Width = 1.0 s
IFSM
1.0
A
Pulse Width = 1.0 ms
4.0
A
Storage Temperature Range
TSTG
−65 to +200
°C
Operating Junction Temperature Range
TJ
−55 to +175
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
THERMAL CHARACTERISTICS
Parameter
Symbol
Max
Unit
Power Dissipation
PD
500
mW
Thermal Resistance, Junction−to−Ambient
RqJA
300
°C
ELECTRICAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted) (Note 2)
Symbol
Parameter
Conditions
Min
Max
Unit
VR
Breakdown Voltage
IR = 100 mA
100
V
IR = 5.0 mA
75
V
VF
Forward Voltage
914B / 4448
IF = 5.0 mA
0.62
0.72
V
916B
IF = 5.0 mA
0.63
0.73
V
914 / 916 / 4148
IF = 10 mA
1.0
V
914A / 916A
IF = 20 mA
1.0
V
916B
IF = 20 mA
1.0
V
914B / 4448
IF = 100 mA
1.0
V
IR
Reverse Leakage
VR = 20 V
0.025
mA
VR = 20 V, TA = 150°C
50
mA
VR = 75 V
5.0
mA
CT
Total Capacitance
916/916A/916B/4448
VR = 0, f = 1.0 MHz
2.0
pF
914/914A/914B/4148
VR = 0, f = 1.0 MHz
4.0
pF
trr
Reverse Recovery Time
IF = 10 mA, VR = 6.0 V (600 mA)
Irr = 1.0 mA, RL = 100 W
4.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Non−recurrent square wave PW = 8.3 ms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com