Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT7682 Datasheet(PDF) 21 Page - MediaTek Inc.

Part # MT7682
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682 Datasheet(HTML) 21 Page - MediaTek Inc.

Back Button MT7682 Datasheet HTML 17Page - MediaTek Inc. MT7682 Datasheet HTML 18Page - MediaTek Inc. MT7682 Datasheet HTML 19Page - MediaTek Inc. MT7682 Datasheet HTML 20Page - MediaTek Inc. MT7682 Datasheet HTML 21Page - MediaTek Inc. MT7682 Datasheet HTML 22Page - MediaTek Inc. MT7682 Datasheet HTML 23Page - MediaTek Inc. MT7682 Datasheet HTML 24Page - MediaTek Inc. MT7682 Datasheet HTML 25Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 20 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Parameter
Description
Performance
Output power with
spectral mask and
EVM compliance
1 Mbps CCK
-
19
-
dBm
11 Mbps CCK
-
19
-
dBm
6 Mbps OFDM
-
18.5
-
dBm
54 Mbps OFDM
-
16.5
-
dBm
HT20, MCS 0
-
17.5
-
dBm
HT20, MCS 7
-
15.5
-
dBm
HT40, MCS 0
-
16.5
-
dBm
HT40, MCS 7
-
14.5
-
dBm
TX EVM
6 Mbps OFDM
-
-
-5
dB
54 Mbps OFDM
-
-
-25
dB
HT20, MCS 0
-
-
-5
dB
HT20, MCS 7
-
-
-28
dB
HT40, MCS 0
-
-
-5
dB
HT40, MCS 7
-
-
-28
dB
Output power
variation(1)
TSSI closed-loop control across all
temperature ranges and channels
and VSWR ≦ 1.5:1.
-1.5
-
1.5
dB
Carrier suppression
-
-
-30
dBc
Harmonic Output
Power
2nd Harmonic
-
-45
-43
dBm/MHz
3nd Harmonic
-
-45
-43
dBm/MHz
Note 1: VDD33 voltage is within ±5% of typical value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com