Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3201848 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3201848
Description  AI 70 -20 YE - Ferrule
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3201848 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3201848 Datasheet HTML 1Page - PHOENIX CONTACT 3201848 Datasheet HTML 2Page - PHOENIX CONTACT 3201848 Datasheet HTML 3Page - PHOENIX CONTACT 3201848 Datasheet HTML 4Page - PHOENIX CONTACT 3201848 Datasheet HTML 5Page - PHOENIX CONTACT 3201848 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Ferrule, Length contact range: 20 mm, sleeve length: 37 mm, color: yellow
Your advantages
The ferrules with plastic sleeve are made from soft tin-plated electrolytic copper
•
The insulation reliability of close connections is increased and the splicing of wires is prevented
•
Commercial data
Item number
3201848
Packing unit
25 pc
Minimum order quantity
25 pc
Sales key
BH34
Product key
BH3411
GTIN
4017918156923
Weight per piece (including packing)
4.588 g
Weight per piece (excluding packing)
4.37 g
Customs tariff number
85369010
Country of origin
DE
AI 70 -20 YE - Ferrule
3201848
https://www.phoenixcontact.com/us/products/3201848
Sep 1, 2025, 8:04AM
Page 1 (6)


Similar Part No. - 3201848

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3201848 PHOENIX-3201848 Datasheet
143Kb / 4P
Ferrules With Insulating Collar According to DIN 46228-4
More results

Similar Description - 3201848

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200111 PHOENIX-3200111 Datasheet
65Kb / 3P
Ferrule - AI 6 -18 GN
3200700 PHOENIX-3200700 Datasheet
61Kb / 3P
Ferrule - AI 25 -22 YE
3200713 PHOENIX-3200713 Datasheet
68Kb / 3P
Ferrule - AI 35 -25 RD
3200852 PHOENIX-3200852 Datasheet
69Kb / 2P
AI 0,25- 8 YE
3201084 PHOENIX-3201084 Datasheet
66Kb / 3P
Ferrule - AI 25 -16 BN
3201330 PHOENIX-3201330 Datasheet
65Kb / 3P
Ferrule - AI 16 -18 GN
3201364 PHOENIX-3201364 Datasheet
45Kb / 3P
Ferrule - AI 0,25- 8 BU
3201589 PHOENIX-3201589 Datasheet
66Kb / 3P
Ferrule - AI 1 - 8 YE-B
3241126 PHOENIX-3241126 Datasheet
72Kb / 6P
Ferrule - AI 0,5 -10 OG
3241128 PHOENIX-3241128 Datasheet
44Kb / 2P
Ferrule - AI 0,25-10 YE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com