Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P16 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P16
Description  Knob Potentiometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16 Datasheet(HTML) 5 Page - Vishay Siliconix

  P16 Datasheet HTML 1Page - Vishay Siliconix P16 Datasheet HTML 2Page - Vishay Siliconix P16 Datasheet HTML 3Page - Vishay Siliconix P16 Datasheet HTML 4Page - Vishay Siliconix P16 Datasheet HTML 5Page - Vishay Siliconix P16 Datasheet HTML 6Page - Vishay Siliconix P16 Datasheet HTML 7Page - Vishay Siliconix P16 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
P16, PA16
www.vishay.com
Vishay Sfernice
Switch Option With P16S
Revision: 03-Jun-2024
5
Document Number: 51036
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
MODEL
STYLE
OHMIC VALUE
TOLERANCE
TAPER
PACKAGING
CODE
SPECIAL
NUMBER
P16 =
cermet
PA16 =
conductive
plastic
NM = metallic black
NP = plastic black
WM = metallic white
WP = plastic white
BP = plastic blue
RP = plastic red
YP = plastic yellow
223 = 22 kΩ
for ohmic value
range see
electrical
specification
M = ± 20 %
On request:
K = ± 10 %
A = linear
L = clockwise logarithmic
F = inverse clockwise
logarithmic
B15 = box of
20 pieces
(If applicable)
Given by
Vishay
for custom
design
SPECIAL NUMBER FOR KNOB
MARKING
F1 = line marking
F2 = 10 graduations marking
F3 = 5 graduations marking
F4 = gradient marking
F5 = light marking
F6 = fan
F7 = temperature
F8 = volume
On request:
CV1D = detent in CCW position
CV1F = detent in CW position
CVDF = detent in CW and
CCW position
KNOB STYLES
STYLE
EXAMPLE IMAGES
NP = black plastic
WP = white plastic
BP = blue plastic
RP = red plastic
P2
2
3
M
A
B
5
6
P
N
1
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com