Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53014DGS Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS53014DGS
Description  TPS53014 4.5-V to 28-V Input, D-CAP2™ synchronous buck controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS53014DGS Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS53014DGS Datasheet HTML 9Page - Texas Instruments TPS53014DGS Datasheet HTML 10Page - Texas Instruments TPS53014DGS Datasheet HTML 11Page - Texas Instruments TPS53014DGS Datasheet HTML 12Page - Texas Instruments TPS53014DGS Datasheet HTML 13Page - Texas Instruments TPS53014DGS Datasheet HTML 14Page - Texas Instruments TPS53014DGS Datasheet HTML 15Page - Texas Instruments TPS53014DGS Datasheet HTML 16Page - Texas Instruments TPS53014DGS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
(nF) x VFB(V)
(nF) x 0.773 V
SS
SS
t
(ms) =
=
SS
I
( A)
SS
C
C
6.4 A
m
m
(
)
IN
OUT
OUT
OUT(LL)
SW
IN
V -V
×V
1
I
=
×
2×L×f
V
13
TPS53014
www.ti.com
SLVSBF1A – MAY 2012 – REVISED FEBRUARY 2019
Product Folder Links: TPS53014
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Auto-Skip Eco-Mode™ Control
The TPS53014 is designed with Auto-Skip Eco-mode™ to increase light load efficiency. As the output current
decreases from heavy load condition, the inductor current is also reduced and eventually comes to point where
its rippled valley touches zero level, which is the boundary between continuous conduction and discontinuous
conduction modes. The rectifying MOSFET is turned off when its zero inductor current is detected. As the load
current further decreases the converter run into discontinuous conduction mode. The on-time is kept almost half
as is was in the continuous conduction mode because it takes longer time to discharge the output capacitor with
smaller load current to the level of the reference voltage. The transition point to the light load operation IOX(LL)
current can be calculated in Equation 1 with 500kHz used as fsw.
(1)
7.3.3 Drivers
TPS53014 contains two high-current resistive MOSFET gate drivers. The low-side driver is a PGND referenced,
VREG5 powered driver designed to drive the gate of a high-current, low RDS(on) N-channel MOSFET whose
source is connected to PGND. The high-side driver is a floating SW referenced, VBST powered driver designed
to drive the gate of a high-current, low RDS(on) N-channel MOSFET. To maintain the VBST voltage during the
high-side driver ON time, a capacitor is placed from SW to VBST. Each driver draws average current equal to
Gate Charge (Qg @ Vgs = 5V) times Switching frequency (fsw). To prevent cross-conduction, there is a narrow
dead-time when both high-side and low-side drivers are OFF between each driver transition. During this time the
inductor current is carried by one of the MOSFETs body diodes.
7.3.4 5-Volt Regulator
The TPS53014 has an internal 5V Low-Dropout (LDO) Regulator to provide a regulated voltage for all both
drivers and the ICs internal logic. A high-quality 4.7µF or greater ceramic capacitor from VREG5 to GND is
required to stabilize the internal regulator.
7.3.5 Soft Start and Pre-Biased Soft Start
The soft start function is adjustable. When the EN pin becomes high, 6.4-µA current begins charging the
capacitor which is connected from the SS pin to GND. Smooth control of the output voltage is maintained during
start up. The equation for the slow start time is shown in Equation 2. VFB voltage is 0.773 V and SS pin source
current is 6.4-µA.
(2)
The TPS53014 contains a unique circuit to prevent current from being pulled from the output during startup if the
output is pre-biased. When the soft-start commands a voltage higher than the pre-bias level (internal soft start
becomes greater than internal feedback voltage VFB), the controller slowly activates synchronous rectification by
starting the first low side FET gate driver pulses with a narrow on-time. It then increments that on-time on a
cycle-by-cycle basis until it coincides with the time dictated by (1-D), where D is the duty cycle of the converter.
This scheme prevents the initial sinking of the pre-biased output, and ensures that the output voltage (VO) starts
and ramps up smoothly into regulation from pre-biased startup to normal mode operation.
7.3.6 Overcurrent Protection
TPS53014 has a cycle-by-cycle over current limit feature. The over current limits the inductor valley current by
monitoring the voltage drop across the low-side MOSFET RDS(on) during the low-side driver on-time. If the
inductor current is larger than the over current limit (OCL), the TPS53014 delays the start of the next switching
cycle until the sensed inductor current falls below the OCL current. MOSFET RDS(on) current sensing is used to
provide an accuracy and cost effective solution without external devices. To program the OCL, a resister should
be connected between DRVL and PGND. The recommended values are given inTable 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com