Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP31 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BSP31
Description  MEDIUM POWER AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BSP31 Datasheet(HTML) 1 Page - STMicroelectronics

  BSP31 Datasheet HTML 1Page - STMicroelectronics BSP31 Datasheet HTML 2Page - STMicroelectronics BSP31 Datasheet HTML 3Page - STMicroelectronics BSP31 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BSP30/31
BSP32/33
MEDIUM POWER AMPLIFIER
ADVANCE DATA
s
SILICON EPITAXIAL PLANAR PNP
TRANSISTORS
s
MINIATURE PLASTIC PACKAGE FOR
APPLICATION IN SURFACE MOUNTING
CIRCUITS
s
GENERAL PURPOSE MAINLY INTENDED
FOR USE IN MEDIUM POWER INDUSTRIAL
APPLICATION AND FOR AUDIO AMPLIFIER
OUTPUT STAGE
s
NPN COMPLEMENTS ARE BSP40, BSP41,
BSP42 AND BSP43 RESPECTIVELY
INTERNAL SCHEMATIC DIAGRAM
October 1995
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BSP30/BSP31
BSP32/BSP33
VCBO
Collector-Base Voltage (IE = 0)
-70
-90
V
VCEO
Collector-Emitter Voltage (IB = 0)
-60
-80
V
VCES
Collector-Emitter Voltage (RBE = 1K
Ω)-70
-90
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-1
A
IB
Base Current
-0.1
A
Ptot
Total Dissipation at Tc = 25
o C2
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
1/4


Similar Part No. - BSP31

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSP31 PHILIPS-BSP31 Datasheet
43Kb / 8P
PNP medium power transistors
1999 Apr 26
logo
Diotec Semiconductor
BSP31 DIOTEC-BSP31 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
logo
Siemens Semiconductor G...
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
More results

Similar Description - BSP31

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com