Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7538 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7538
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7538 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7538 Datasheet HTML 6Page - Leadtrend Technology LD7538 Datasheet HTML 7Page - Leadtrend Technology LD7538 Datasheet HTML 8Page - Leadtrend Technology LD7538 Datasheet HTML 9Page - Leadtrend Technology LD7538 Datasheet HTML 10Page - Leadtrend Technology LD7538 Datasheet HTML 11Page - Leadtrend Technology LD7538 Datasheet HTML 12Page - Leadtrend Technology LD7538 Datasheet HTML 13Page - Leadtrend Technology LD7538 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD7538
10
Leadtrend Technology Corporation
LD7538-DS-00
November 2012
CS/OVP
VCC
GND
LD7538
OUT
LEB time
AC
Line
RS
Fig. 15
A leading-edge blanking (LEB) time is included in the
input of CS pin to prevent the false-trigger from the current
spike.
Output Stage and Maximum Duty-Cycle
An output stage of a CMOS buffer, with typical
250/-500mA driving capability, is incorporated to drive a
power MOSFET directly.
And the maximum duty-cycle
of LD7538 is limited to 75% to avoid the transformer
saturation.
Voltage Feedback Loop
The voltage feedback signal is provided from the TL431 at
the secondary side through the photo-coupler to the
COMP pin of the LD7538.
Similar to UC3842, the
LD7538 would carry a diode voltage offset at the stage to
feed the voltage divider at the ratio of RA and RB, that is,
)
V
V
(
R
2
R
R
V
F
COMP
)
PWM
(
COMPARATOR
A pull-high resistor is embedded internally and can be
eliminated externally.
Oscillator and Switching Frequency
The LD7538 is implemented with Frequency Swapping
function which helps the power supply designers to both
optimize EMI performance and lower system cost. The
switching frequency substantially centers at 65KHz, and
swap between a range of ±4KHz.
Green-Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions.
The green-mode control is Leadtrend Technology
’s own
property. Fig. 16 shows the characteristics of the
switching frequency vs. the comp pin voltage (VCOMP)
On/Off Control
The LD7538 can be turned off by pulling COMP pin lower
than 1.4V.
The gate output pin of the LD7538 will be
disabled immediately under such condition. The off-mode
can be released when the pull-low signal is removed.
VCOMP(V)
65kHz
25kHz
2.4
2.1
Vcs-off
1.4
Fig. 16
Internal Slope Compensation
In the conventional applications, the problem of the
stability is a critical issue for current mode controlling,
when it operates over 50% duty-cycle. As UC384X, It
takes slope compensation from injecting the ramp signal
of the RT/CT pin through a coupling capacitor. It therefore
requires no extra design for the LD7538 since it has
integrated it already.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com