Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP301302 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # LP301302
Description  Single Row Terminal Blocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LP301302 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  LP301302 Datasheet HTML 1Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 2Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 3Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 4Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 5Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 6Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 7Page - Eaton All Rights Reserved. LP301302 Datasheet HTML 8Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15
EATON www.eaton.com
Terminal Styles Inches (Millimeters)
Screw Options
(Bulk ordering part numbers are in parentheses)
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
A3 - standard barrier
01 - handwired
02 - printed circuit
03 - non feed-thru
04 - wire wrap tail
05 - extended
handwired
07 - extended pin
09 - 0.250 QC short
10 - 0.187 QC
19 - 0.250 QC long
1 - std. base/
mount end
2 - std. base/
barrier
3* - insulator
base/mount end
4* - insulator
base/barrier end
5** - closed
base/mount end
02 to 28 barrier
end
02 to 26 mount
end
Blank–std. screws
03 - stainless steel
04 - brass nickel-plated
07 - steel SEMS zinc-
plated***
09 - brass SEMS
nickel-plated***
07WR - steel SEMS
wire ready
CA† - captive screw
AB - angle mnt. options
(pg 18)
A1 to A9 - 0.250” QC
B1 to B9 - 0.187” QC
L1 to L6 marking options (pg
25)
MP, MT - mounting plates
(pg 18)
RC - retaining clips (pg 18)
R30 to R66 - right angle
bends (pg 18)
* Base/End Styles 3 and 4 not available with 02, 03, and 09 terminals.
** Base/End Note: 5 Style only available with 03 terminals.
*** SEMS screws not available with hardware options
† Not compatible with 03 stainless steel screw option.
A3
Single RowTerminal Blocks
A
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com