Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS7523-7529 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # PFS7523-7529
Description  PFC Controller with Integrated High-Voltage MOSFET and Qspeed
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

PFS7523-7529 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button PFS7523-7529 Datasheet HTML 5Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 6Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 7Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 8Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 9Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 10Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 11Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 12Page - Power Integrations, Inc. PFS7523-7529 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Rev. D 04/25
9
PFS7523-7529/7533-7539
www.power.com
perform an auto-restart, including FMEA pin fault checks and other
start-up qualifications prior to checking for the line voltage being
above the brown-in voltage by virtue of the VOLTAGE MONITOR pin
being above V
BR+.
After a brown-in event, until after the t
STARTUP timer has expired, the line
voltage brown-out threshold is reduced to V
BR-NTC and the brown-out
timer is extended to t
BRWN_OUT_NTC to allow for the detected drop in line
voltage due to an in-rush limiting negative temperature coefficient
(NTC) thermistor in series with the input line.
If the t
BRWN_OUT_NTC debounce timer is triggered by the sensed line
voltage dropping below the V
BR-NTC threshold but the line voltage
recovers to above the V
BR-NTC threshold before the tBRWN_OUT_NTC expires,
then the t
STARTUP timer will be re-started. If the line does not recover
above the V
BR-NTC threshold before the tBRWN_OUT_NTC debounce timer
expires a shutdown will occur.
After the t
STARTUP timer has expired, if the VOLTAGE MONITOR pin
voltage is qualified above V
BR-NTC, the brown-out debounce timer will
switch to normal period (t
BRWN_OUT) and the brown-out threshold will
switch to V
BR-. If the VOLTAGE MONITOR pin voltage is not qualified
above V
BR- after the subsequent tBRWN_OUT timer has expired then a
brown-out shutdown will occur.
HiperPFS-3 incorporates input waveform discrimination to determine
if the line signal peak-to-average ratio is more representative of a
sinewave or a high duty cycle square wave. The brown-out threshold
is reduced to V
BR_SQ when a high duty cycle (UPS) square wave is
detected.
VCC Undervoltage Protection (UVLO)
The BIAS POWER (VCC) pin has an undervoltage lock-out protection
which inhibits the IC from starting unless the applied VCC voltage is
above the VCC
UVLO+ threshold. The IC initiates a start-up once the
BIAS POWER pin voltage exceeds the VCC
UVLO+ threshold. After
start-up the IC will continue to operate until the BIAS POWER pin
voltage has fallen below the VCC
UVLO- level. The absolute maximum
voltage of the BIAS POWER pin is 17.5 V which must be externally
limited to prevent long term damage to the IC.
Line Dependent Over Current Protection (OCP) limit
The device includes a cycle-by-cycle over-current protection mech-
anism which protects the device in the event of a fault. The intent of
OCP protection in this device is protection of the internal power
MOSFET and is not specifically intended to protect the converter from
output short-circuit or overload fault conditions.
For universal line input parts, the OCP limit is set as a function of the
input line voltage, one setting for low-line voltages and another
setting for high-line voltages. This helps to bound power limit into
short-circuits as well as helps to minimize the stress on the switch
due to current overloads at higher input line conditions. Figure 12
illustrates the hysteretic adjustment of the OCP levels as a function
of VOLTAGE MONITOR pin line-sensing. This equates to selecting the
low-line OCP (the greater of the two settings) when the peak of the
input line voltage drops below 140 VAC for 3 consecutive half-cycles
and selecting the high-line OCP level (the lesser of the two settings)
when the input line voltage rises above 170 VAC for 1 half-cycle,
(except in follower mode, as described in the subsequent sections).
The HiperPFS-3 utilizes a high input line OCP after detecting the
VOLTAGE MONITOR pin above the high-line threshold, V
HIGH+. The
controller reverts back to low-line OCP (as well as low-line frequency
slide) only after 3 consecutive half-line cycle peak values that are
below the low-line threshold V
HIGH-. In the event of a line drop-out,
the controller may revert from high-line to low-line parameters if the
drop-out exceeds 37 ms (nominal). High-line only input parts use a
single fixed OCP threshold.
A follower-mode feature updates the controller to high-line status
rapidly, as soon as the input voltage exceeds V
HIGH+. This feature has
particular benefit for high-line hard-start conditions after a long AC
line drop-out where the peak detector may initially indicate a low
input line condition.
A leading edge blanking circuit inhibits the current limit comparator
for a short time (t
LEB) after the power MOSFET is turned on. This
leading edge blanking time is set so that switch current spikes caused
by drain capacitance and rectifier reverse recovery time will not cause
premature termination of the MOSFET conduction period.
Safe Operating Area (SOA) Mode
Since the cycle-by-cycle OCP mechanism described above does not
prevent the possibility of inductor current ‘stair-casing’, an SOA mode
is also featured. Rapid build-up of the switch current can occur in the
event of inductor saturation or when the input and output voltage
differential is small combined with too little inductor reset time.
The SOA mode is triggered whenever the switch current reaches
current limit (I
OCP) and the on-time is less than tSOA. The SOA mode
forces an off-time equal to t
OFF(SOA) and pulls the internal error-voltage
(V
E) down by 1/2 of its maximum value in order to ensure the switch
remains within its SOA.
Fast Output Voltage Overvoltage Protection (FB
OV)
The HiperPFS-3 features a voltage feedback threshold comparator on
the FEEDBACK pin which detects an output voltage overvoltage
condition to allow rapid response, independent of the COMPENSA-
TION pin response, to prevent hazardous voltage conditions from
occurring. The overvoltage protection is hysteretic – the voltage on
the FEEDBACK pin must drop by 0.1 V (equating to an output voltage
drop of 10 V) before switching is re-started.
FEEDBACK to COMPENSATION Pin Short Detection Safeguard
The PFC controller continuously monitors the FEEDBACK and
COMPENSATION pins to ensure that there are no potential short
conditions between the adjacent FEEDBACK and COMPENSATION
pins, which could result in output overvoltage conditions if not
detected. In the event a potential short is detected, a rapid short
check is performed and a shutdown is executed in the event that a
suspected short is validated.
PI-7255-061615
~170 VAC
V
IN
~140 VAC
I
OCP(LL)
I
OCP(HL)
Figure 12. Line Dependent OCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com