Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5328P Datasheet(PDF) 15 Page - Injoinic Technology Co.,Ltd.

Part # IP5328P
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328P Datasheet(HTML) 15 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328P Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5328P Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
15 / 28
Copyright © 2015, Injoinic Corp.
Auto detection on sink device/phone attachment
IP5328P support auto detection on sink device/phone attachment/ plug in, once the attachment is detected,
the boost will be turned on charging the sink device/phone, so non-key solution are supported.
Auto detection on sink device/phone fully charged
IP5328P detect the current output current through off-chip 10mOhm resistor, when the total power is lower
than 300mW for 32s, IP5328P will consider all the output port is plug out, the output voltage will be closed then.
Key
KEY
WLED
Figure 3
Key circuit
Key circuit is illustrated in Figure 3, which can recognize short press or long press operation.
Short press (pressed time in range of 60ms~2s): turn on the battery level display LED and BOOST
output
Long press (pressed time longer than 2s): turn on or turn off the torch light WLED
No response on press time less than 30ms
Two short press in 1s: turn off boost output, battery level display LED and torch light WLED
Long 10s press will reset the whole system
Fast Charge state indication
Light is used for indication for the present fast charge mode, either in fast charging or discharging mode,
when the system enters fast charge mode and in non-5V mode, the light LED will turn on.
Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com