Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5306 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP5306
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5306 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP5306 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5306 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
21 / 28
Copyright © 2015, Injoinic Corp.
7. PCB Layout
Here below lists essential precautions that may affect the function and performance on PCB layout, more
details will be attached in another document if any.
Location of VSYS capacitor
Both power and current is large under normal operating, location of capacitor on VSYS net affects the
stability of DCDC. VSYS capacitor should be placed as close to VSYS pin and EPAD as possible, deploy large copper
pour and add more vias, decrease the area of current loop between capacitor and IC and reduce the parasitic
parameter.
VSYS pin distribute at two sides of the IC, capacitor should be placed on each side and connect the two pins
with wide (wider than 100mil) copper on PCB board.
10mOhm sample resistor
IP5328P sample the current on 10mOhm between VSN and VSP pin to take control of input charging current,
output overcurrent protection, output light load power down. VSN and VSP tracks should keep away from signals
that may generate large interference, lay to the 10mOhm resistor separately, do not overlay with other current
track or VSYS track. Though VSP and VSYS are same net on PCB, layout of those two pins should be separated.
To enhance the immunity of interference of sample signal, 100nF filter capacitor are needed on VSN and VSP
pins and place as close as possible.
The layout is illustrated below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com