Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8002A Datasheet(PDF) 13 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 13 Page - INCOME TECHNOLOGY

Back Button 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY 8002A Datasheet HTML 10Page - INCOME TECHNOLOGY 8002A Datasheet HTML 11Page - INCOME TECHNOLOGY 8002A Datasheet HTML 12Page - INCOME TECHNOLOGY 8002A Datasheet HTML 13Page - INCOME TECHNOLOGY 8002A Datasheet HTML 14Page - INCOME TECHNOLOGY  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
8002
8002
8002
8002
Page 16 of 17
Once the power dissipation equations have been addressed, the required differential gain can be determined from
Equation 2.
From Equation 2, the minimum AVD is 2.83; use AVD = 3.Since the desired input impedance was 20k , and with a
AVD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an allocation of Ri = 20k
and Rf = 30k . The final design
step is to address the bandwidth requirements which must be stated as a pair of −3dB frequency points. Five times
away from a −3dB point is 0.17dB down from passband response which is better than the required ±0.25dB specified.
As stated in the External Components section, Ri in conjunction with Ci create a highpass filter.
Use 0.39uf.The high frequency pole is determined by the product of the desired frequency pole, fH, and the differential
gain, AVD. With a AVD = 3 and fH = 100kHz, the resulting GBWP = 300kHz which is much smaller than the 8002
GBWP of 2.5MHz. This figure displays that if a designer has a need to design an amplifier with a higher differential
gain, the 8002 can still be used without running into bandwidth limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com