Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5310 Datasheet(PDF) 24 Page - Injoinic Technology Co.,Ltd.

Part # IP5310
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5310 Datasheet(HTML) 24 Page - Injoinic Technology Co.,Ltd.

Back Button IP5310 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5310 Datasheet HTML 28Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
24 / 28
Copyright © 2015, Injoinic Corp.
BOM List
No.
Part Name
Type
Location
Num
Note
1
SMT IC
QFN40 IP5328P
U1
1
2
SMT capacitor
0603 100nF 10% 25V
C3 C4
2
3
SMT capacitor
0603 100nF 10% 10V
C7
1
4
SMT capacitor
0603 2.2uF 10% 16V
C1 C2
2
5
SMT capacitor
0805 22uF 10% 16V
CP1 CP2 CP3
CP14
4
6
SMT capacitor
0805 22uF 10% 25V
CP4 CP5 CP6
CP8
4
7
SMT capacitor
0805 10uF 10% 25V
CP7 CP9 CP10
CP13
4
8
electrolytic
capacitor
220uF 25V 10%
CP12
1
9
SMT resistor
1206R 0.01R 1%
R1
1
10
SMT resistor
0603R 20R 5%
R4
1
Adjust brightness of the light
11
SMT resistor
0603R 100R 5%
R2 R5 R7
3
12
SMT resistor
0603R 1K 5%
R6
1
13
SMT resistor
0603R 10K 5%
R8 R9
2
14
SMT resistor
0603R 110K 1%
R10
1
15
SMT resistor
0603R 82K 1%
R12
1
For NTC only
16
NTC thermal
resistor
100K@25℃ B=4200
RNTC
1
For NTC only
17
SMT LED
0603
blue LED
D1 D2 D3 D4
4
18
SMT LED
0603
green LED
D8
1
19
LED light
5MM LED
D5
1
20
SMT inductor
2.2uH 10*10
L1
1
21
SMT NMOS
SOT23-3 RU207C
Q1 Q3
2
Rds(on)<20m ohm
I>=4A
22
SMT PMOS
SOT23-3 RU20P7C
Q2 Q4
2
Rds(on)<20m ohm
I>=4A
23
USB C port
USB C port
J1
1
24
key
SMT 3*6 key
SW1
1
25
Output USB
AF10 8 pin USB
USB1 USB3
2
26
Input USB
MICRO-7-DIP-5.9
USB2
1
Recommended inductor type:
DARFON PIN
Thickness
(mm)
Inductance
(uH)
Tolerance
DC
Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70702R2MESQ
5
2.2
±20%
9
10.2
10.5
13.5
100kHz/1.0V
SPM10102R2MESN
4
2.2
±20%
6
7
12
18
100kHz/1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com