Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5312 Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5312
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5312 Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5312 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5312 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
12 / 28
Copyright © 2015, Injoinic Corp.
USB C PD
IP5328P integrated USB C Power Delivery PD2.0/PD3.0/PPS (Programmable Power Supply) protocol, integrate
physical (PHY) layer for data transmitting/receiving across the cc wire, hardware biphase mark coding (BMC)
module and hardware CRC protect the data integrity.
Support PD2.0/PD3.0 bi-directional input/output and PPS output protocol. Input and output voltage support
5V/9V/12V. PPS 5~12V output voltage adjustable with 20mV/step. Support up to 18W power level.
Fast Charge
IP5328P support several fast charge standards: QC2.0/QC3.0, FCP, AFC, SFCP, MTK, Apple, Samsung.
Input QC standard is not support for charging the power bank, if input QC standard is needful, the Qualcomm
QC charging IC (SMB1351) is recommended.
Input fast charge standard of FCP, AFC, SFCP are supported for charging the power bank, because of the fast
charging request is send on the DP/DM line, if other fast charge IC is applied, the FCP, AFC and SFCP fast charge
cannot be supported at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com