Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMBSTP7RP0 Datasheet(PDF) 4 Page - CAREL INDUSTRIES S.p.A.

Part # BMBSTP7RP0
Description  boss micro panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAREL [CAREL INDUSTRIES S.p.A.]
Direct Link  https://www.carel.com/
Logo CAREL - CAREL INDUSTRIES S.p.A.

BMBSTP7RP0 Datasheet(HTML) 4 Page - CAREL INDUSTRIES S.p.A.

  BMBSTP7RP0 Datasheet HTML 1Page - CAREL INDUSTRIES S.p.A. BMBSTP7RP0 Datasheet HTML 2Page - CAREL INDUSTRIES S.p.A. BMBSTP7RP0 Datasheet HTML 3Page - CAREL INDUSTRIES S.p.A. BMBSTP7RP0 Datasheet HTML 4Page - CAREL INDUSTRIES S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CAREL INDUSTRIES HQs
Via dell’Industria, 11
35020 Brugine - Padova (Italy)
carel@carel.com
Headquarters
To the best of CAREL INDUSTRIES S.p.A. knowledge and belief, the information contained herein is accurate and reliable as of the date of publication. However,
CAREL INDUSTRIES S.p.A. does not assume any liability whatsoever for the accuracy and completeness of the information presented without guarantee or
responsibility of any kind and makes no representation or warranty, either expressed or implied. A number of factors may affect the performance of any products
used in conjunction with user’s materials all of which must be taken into account by the user in producing or using the products. The user should not assume
that all necessary data for the proper evaluation of these products are contained herein and is responsible for the appropriate, safe and legal use, processing
and handling of CAREL’s products. The Information provided herein does not relieve the user from the responsibility of carrying out its own tests, and the user
assumes all risks and liabilities related to the use of the products and/or information contained herein. © 2025 CAREL INDUSTRIES S.p.A. All rights reserved.
CAREL INDUSTRIES HQs
Via dell’Industria, 11
35020 Brugine - Padova (Italy)
carel@carel.com
Authorised distributor
Arion S.r.l.
Sede operativa:
Via Pizzo Camino, 28
24060 Chiuduno (BG) - Italy
www.arionsensors.com
HygroMatik GmbH
Lise-Meitner-Straße 3
24558 Henstedt-Ulzburg - Germany
www.hygromatik.com
RECUPERATOR
Via Valfurva 13
20027 Rescaldina (MI) - Italy
www.recuperator.eu
C.R.C. S.r.l.
Via Selva di Pescarola 12/9
40131 Bologna - Italy
info@crc-srl.net
www.carel.com
Klingenburg GmbH
Brüsseler Str. 77
45968 Gladbeck - Germany
www.klingenburg.de
Sauber
Via Don Doride Bertoldi, 51
46047 Porto Mantovano (MN) - Italy
www.sauberservizi.it
ENGINIA S.r.l.
Viale Lombardia, 78
20056 Trezzo Sull’Adda (MI) - Italy
www.enginiasrl.com
Klingenburg International Sp. z o.o.
ul. Metalowców 5
PL-58-100 Świdnica, Poland
www.klingenburg.pl
Senva
1825 NW 167th Pl, Beaverton,
OR 97006, Stati Uniti
www.senvainc.com
Part number table
Part number
Name
Supervisor hardware
Connectivity
BMBSTP7RP0
wired pocket
boss-micro
(15 devices, 150 variables)
Ethernet
BMBSTP7FP0
Wi-Fi pocket
Ethernet, Wi-Fi
BMBSTP7MP0
Wi-Fi & 4G pocket
Ethernet, Wi-Fi, 4G
BMBSEP7RP0
wired enhanced
boss-micro-enhanced
(30 devices, 300 variables)
Ethernet
BMBSEP7FP0
Wi-Fi enhanced
Ethernet, Wi-Fi
BMBSEP7MP0
Wi-Fi & 4G enhanced
Ethernet, Wi-Fi, 4G
Technical specifications
Operating conditions
5 to 40 °C
Storage conditions
-30 to 70 °C
Power supply
230 V, 50/60 Hz
Frame dimensions (mm)
220x300x120 (WxHxD)
Weight (kg)
3
Material
technopolymer
Ingress protection
IP55
Protocols
Modbus® and CAREL
Built-in display
7” touch
Relay module included
no
USB ports
yes
Residual-current
circuit breaker
Scan the QR code to
access technical support
documentation and tutorial
videos.
Designed for installers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com