Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMBSTP7FP0 Datasheet(PDF) 2 Page - CAREL INDUSTRIES S.p.A.

Part # BMBSTP7FP0
Description  boss micro panel
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAREL [CAREL INDUSTRIES S.p.A.]
Direct Link  https://www.carel.com/
Logo CAREL - CAREL INDUSTRIES S.p.A.

BMBSTP7FP0 Datasheet(HTML) 2 Page - CAREL INDUSTRIES S.p.A.

  BMBSTP7FP0 Datasheet HTML 1Page - CAREL INDUSTRIES S.p.A. BMBSTP7FP0 Datasheet HTML 2Page - CAREL INDUSTRIES S.p.A. BMBSTP7FP0 Datasheet HTML 3Page - CAREL INDUSTRIES S.p.A. BMBSTP7FP0 Datasheet HTML 4Page - CAREL INDUSTRIES S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS485
!
telegram
e-mail
4G
WI-FI
RS485
boss micro panel
Complete range of compact solutions for monitoring and optimising the
performance of small and medium refrigeration and air conditioning systems.
• Built-in 7’’ display to monitor
system status from a single
access point
• Ready-to-install solution
without requiring additional
wiring and assembly
operations
Simplified interaction
• For installers, the embedded Wi-Fi
hotspot can be used to connect
locally to the boss device for initial
setup and other service activities,
including from a PC or smartphone,
without needing a monitor and
without connecting to the customer’s
network infrastructure.
• For end users, who can access
information on system status directly
from the built-in 7” touch display
based on their specific access level
System under control
Continuous monitoring of the status of
connected devices, available from the
built-in display; local and remote alarm
management and parameter settings.
Plug & play
Simplified wall mounting, configuration
wizard and space available for the
CAREL relay module.
Independent connection
The built-in 4G modem can be used to
receive alarms (SMS/email/Telegram)
without relying on the local network.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com