Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA04
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA04 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA04 Datasheet HTML 1Page - STMicroelectronics BTA04 Datasheet HTML 2Page - STMicroelectronics BTA04 Datasheet HTML 3Page - STMicroelectronics BTA04 Datasheet HTML 4Page - STMicroelectronics BTA04 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
March 1995
SENSITIVE GATE TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
BTA
Tc = 90
°C4
A
BTB
Tc = 95
°C
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 8.3 ms
42
A
tp = 10 ms
40
I2tI2t value
tp = 10 ms
8
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 50mA diG/dt = 0.1A/µs
Repetitive
F = 50 Hz
10
A/
µs
Non
Repetitive
50
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 110
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
TO220AB
(Plastic)
A1
A2
G
.
VERY LOW IGT = 10mA max
.
LOW IH = 15mA max
.
BTA Family :
INSULATING VOLTAGE = 2500V(RMS)
(UL RECOGNIZED : E81734)
DESCRIPTION
Symbol
Parameter
BTA / BTB04-
Unit
400 T/D/S/ A
600 T/D/S/A
700 T/D/S/A
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 110
°C
400
600
700
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The BTA/BTB04 T/D/S/A triac family are high per-
formance glass passivated PNPN devices.
These parts are suitables for general purpose ap-
plications where gate high sensitivity is required.
Application on 4Q such as phase control and static
switching.
1/5


Similar Part No. - BTA04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA04 STMICROELECTRONICS-BTA04 Datasheet
438Kb / 6P
SENSITIVE GATE TRIACS
Sep-2001
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Inchange Semiconductor ...
BTA04 ISC-BTA04 Datasheet
114Kb / 1P
Triacs
logo
Unisonic Technologies
BTA04 UTC-BTA04 Datasheet
150Kb / 4P
SENSITIVE GATE TRIACS
logo
Continental Device Indi...
BTA04 CDIL-BTA04 Datasheet
77Kb / 2P
Triac Series
More results

Similar Description - BTA04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
SENSITIVE GATE TRIACS
Feb-1989
BTA08S STMICROELECTRONICS-BTA08S Datasheet
68Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
TLC116 STMICROELECTRONICS-TLC116 Datasheet
52Kb / 5P
SENSITIVE GATE TRIACS
Feb-1999
logo
Tiger Electronic Co.,Lt...
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
Triacs sensitive gate
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
Triacs sensitive gate
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
Sensitive Gate Triacs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com