Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

450P Datasheet(PDF) 2 Page - Lapp.

Part # 450P
Description  ÖLFLEX® 450 P
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

450P Datasheet(HTML) 2 Page - Lapp.

  450P Datasheet HTML 1Page - Lapp. 450P Datasheet HTML 2Page - Lapp. 450P Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT INFORMATION
ÖLFLEX® 450 P
Product features
Good oil resistance
Abrasion and notch-resistant
Flame-retardant according IEC 60332-1-2
Low-adhesive surface
Resistant to hydrolysis and microbes
Norm references / Approvals
Based on VDE 0250 / 0285
Product Make-up
Fine-wire, bare copper conductor
Core insulation: Based on PVC
Cores twisted together
Inner sheath: PVC - colour red
Outer sheath: PUR – colour yellow
Technical Data
Classification:
ETIM 5.0 Class-ID: EC001578
ETIM 5.0 Class-Description: Flexible cable
Core identification code:
Colours according to VDE 0293-308, refer to Appendix T9
Conductor stranding:
Fine wire according to VDE 0295,
class 5/IEC 60228 class 5
Minimum bending radius:
Occasional flexing: 15 x outer diameter
Fixed installation: 4 x outer diameter
Nominal voltage:
U0/U: 300/500 V
Test voltage:
3000 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Temperature range:
Occasional flexing: -5°C to +70°C
Fixed installation: -40°C to +80°C
Note
Unless specified otherwise, the shown product values are nominal values. Detailed values (e.g. tolerances) are available upon
request.
Copper price basis: EUR 150/100 kg. Refer to catalogue appendix T17 for the definition and calculation of copper-related
surcharges.
Please find our standard lengths at: www.lappkabel.de/en/cable-standardlengths
Packaging size: coil ≤ 30 kg or ≤ 250 m, otherwise drum
Please specify the preferred type of packaging (e.g. 1 x 500 m drum or 5 x 100 m coils).
Photographs are not to scale and do not represent detailed images of the respective products.
Prices are net prices without VAT and surcharges. Sale to business customers only.
Last Update (26.07.2017)
2 / 3
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com