Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB04
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04 Datasheet(HTML) 3 Page - STMicroelectronics

  BTB04 Datasheet HTML 1Page - STMicroelectronics BTB04 Datasheet HTML 2Page - STMicroelectronics BTB04 Datasheet HTML 3Page - STMicroelectronics BTB04 Datasheet HTML 4Page - STMicroelectronics BTB04 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
AV
T
D
S
A
BTA
(Insulated)
4
400
X
X
X
X
600
X
X
X
X
700
X
X
X
X
BTB
(Uninsulated)
400
X
X
X
X
600
X
X
X
X
700
X
X
X
X
ORDERING INFORMATION
Fig.1 : Maximum RMS power dissipation versus RMS
on-state current (F=50Hz).
(Curves are cut off by (dI/dt)c limitation)
Fig.2 : Correlation between maximum RMS power
dissipation and maximum allowable temperatures (Tamb
and Tcase) for different thermal resistances heatsink +
contact (BTA).
Fig.4 : RMS on-state current versus case temperature.
Fig.3 : Correlation between maximum RMS power
dissipation and maximum allowable temperatures (Tamb
and Tcase) for different thermal resistances heatsink +
contact (BTB).
BTA04 T/D/S/A / BTB04 T/D/S/A
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com