Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP203YAI Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP203YAI
Description  Three-terminal Off-line PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP203YAI Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP203YAI Datasheet HTML 1Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 2Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 3Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 4Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 5Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 6Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 7Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 8Page - Power Integrations, Inc. TOP203YAI Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 1996
Product Highlights
Low Cost Replacement for Discrete Switchers
• 20 to 50 fewer components - cuts cost, increases reliability
• Source-connected tab and Controlled MOSFET turn-on
reduce EMI and EMI filter costs
• Allows for a 50% smaller and lighter solution
• Cost competitive with linears above 5 W
Up to 90% Efficiency in Flyback Topology
• Built-in start-up and current limit reduce DC losses
• Low capacitance 700 V MOSFET cuts AC losses
• CMOS controller/gate driver consumes only 6 mW
• 70% maximum duty cycle minimizes conduction losses
Simplifies Design - Reduces Time to Market
• Supported by many reference design boards
• Integrated PWM Controller and 700 V MOSFET in a
industry standard three pin TO-220 package
• Only one external capacitor needed for compensation,
bypass and start-up/auto-restart functions
System Level Fault Protection Features
• Auto-restart and cycle by cycle current limiting functions
handle both primary and secondary faults
• On-chip latching thermal shutdown protects the entire
system against overload
Highly Versatile
• Implements Buck, Boost, Flyback or Forward topology
• Easily interfaces with both opto and primary feedback
• Supports continuous or discontinuous mode of operation
Description
The TOPSwitch family implements, with only three pins, all
functions necessary for an off-line switched mode control
system: high voltage N-channel power MOSFET with controlled
turn-on gate driver, voltage mode PWM controller with
integrated 100 kHz oscillator, high voltage start-up bias circuit,
bandgap derived reference, bias shunt regulator/error amplifier
for loop compensation and fault protection circuitry. Compared
to discrete MOSFET and controller or self oscillating (RCC)
switching converter solutions, a TOPSwitch integrated circuit
can reduce total cost, component count, size, weight and at the
same time increase efficiency and system reliability. These
®
PI-1703-112995
AC
IN
DRAIN
SOURCE
CONTROL
TOPSwitch
Figure 1. Typical Application.
TOP200-4/14
TOPSwitch Family
Three-terminal Off-line PWM Switch
devices are intended for 100/110/230 VAC off-line Power
Supply applications in the 0 to 100 W (0 to 50 W universal)
range and 230/277 VAC off-line power factor correction (PFC)
applications in the 0 to 150 W range.
TOP200YAI*
0-25 W
0-12 W
0-25 W
TOP201YAI*
20-45 W
10-22 W
20-50 W
TOP202YAI*
30-60 W
15-30 W
30-75 W
TOP203YAI*
40-70 W
20-35 W
50-100 W
TOP214YAI*
50-85 W
25-42 W
60-125 W
TOP204YAI*
60-100 W 30-50 W
75-150 W
ORDER
PART
NUMBER
230 VAC or
110 VAC
w/Doubler
FLYBACK
85-265
VAC
PFC/
BOOST
230/277
VAC
OUTPUT POWER RANGE
TOPSwitch SELECTION GUIDE
®
* Package Outline: Y03A


Similar Part No. - TOP203YAI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP203YAI POWERINT-TOP203YAI Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP203YAI POWERINT-TOP203YAI Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
TOP203YAI POWERINT-TOP203YAI Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results

Similar Description - TOP203YAI

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP100-4 POWERINT-TOP100-4 Datasheet
166Kb / 20P
Three-terminal Off-line PWM Switch
TOP200-4 POWERINT-TOP200-4 Datasheet
160Kb / 16P
Three-terminal Off-line PWM Switch
TOP221P POWERINT-TOP221P Datasheet
176Kb / 20P
Three-terminal Off-line PWM Switch
TOP224YN POWERINT-TOP224YN Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221GN POWERINT-TOP221GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
Three-terminal Off-line PWM Switch
TOP101YN POWERINT-TOP101YN Datasheet
1Mb / 18P
Three-terminal Off-line PWM Switch
TOP221GN-TL POWERINT-TOP221GN-TL Datasheet
480Kb / 20P
Three-terminal Off-line PWM Switch
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
Three-terminal Off-line PWM Switch
July 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com