Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSN0302D Datasheet(PDF) 2 Page - HITANO ENTERPRISE CORP.

Part # CSN0302D
Description  Wire Wound Power Inductor (Unshielded) – CSN Series
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITANO [HITANO ENTERPRISE CORP.]
Direct Link  https://www.hitano.com.tw/
Logo HITANO - HITANO ENTERPRISE CORP.

CSN0302D Datasheet(HTML) 2 Page - HITANO ENTERPRISE CORP.

  CSN0302D Datasheet HTML 1Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 2Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 3Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 4Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 5Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 6Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 7Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 8Page - HITANO ENTERPRISE CORP. CSN0302D Datasheet HTML 9Page - HITANO ENTERPRISE CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
WIRE WOUND POWER INDUCTOR
CSN SERIES
2 
www.hitano.com.tw                                                                                                                                     Edition: Ver. 1 
Features
*
The CSN series are characterized by miniature surface mount design with high power and high saturation current.
*
Very low resistance in high-density mounting configurations.
*
Ideal inductors for DC-DC converters
*
Provided in embossed carrier tape packaging for use with automatic mounting machines.
Application
*
Notebook Computers.
*
Handheld Communication.
*
DC/DC Converters, etc.
*
Power Supply, LCD TV and etc.
Part Numbering
CSN
0703
D
4R7
M
□□
SERIES
SIZE
Shape
INDUCTANCE TOLERANCE INTERNAL CODE
0302
D : Round
4R7= 3.3uH
L= ±15%
0403
F: Oval
101= 100uH
M= ±20%
0604
102= 1000uH
N= ±30%
0703
0705
1040
1054
1303
1305



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com