Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC302 Datasheet(PDF) 1 Page - Multicomp Pro

Part # PC302
Description  Lighting Connector 2 Pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PC302 Datasheet(HTML) 1 Page - Multicomp Pro

  PC302 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
24/01/13
Lighting Connector
2 Pole
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Connector, Lighting, 2 Pole
PC302
Dimensions : Millimetres
Specifications:
Housing Material
: Thermoplastic
Voltage
: 450V (VDE)
Current
: 24A (VDE)
Wire Range
: Installation side : 0.75mm2 - 2.5mm2, solder
Lighting side : 0.5mm2 - 2.5mm2, solder/strip
Stripping Length
: 9mm - 11mm/0.39" - 0.45"
Connector Mounting
: Cable
No. of Contacts
: 2
Colour
: White
Operating Temperature
: -30°C to +110°C


Similar Part No. - PC302

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC302 PICKER-PC302 Datasheet
1Mb / 2P
low 5mm profile
logo
P-tec Corporation
PC302-O P-TEC-PC302-O Datasheet
221Kb / 2P
PRODUCT SPECIFICATION
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_17 Datasheet
556Kb / 3P
Microminiature 1 Amp Signal Relay
More results

Similar Description - PC302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
828L8B ETC1-828L8B Datasheet
605Kb / 19P
2 X 2 8-Pole Filters
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
2 Pole Miniature 2 Pole Miniature
logo
Panasonic Semiconductor
AYL111240 PANASONIC-AYL111240 Datasheet
134Kb / 6P
LED lighting connector
logo
Molex Electronics Ltd.
130144-0022 MOLEX11-130144-0022 Datasheet
45Kb / 1P
Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
1301440022 MOLEX11-1301440022 Datasheet
38Kb / 1P
Safeway Connector, 2 Pole/2 Wire, NEMA L2-20, 250V
logo
Artesyn Technologies
LDS100-24-U00 ARTESYN-LDS100-24-U00 Datasheet
998Kb / 3P
LED Lighting Power Supply - Class 2
LDS70-12-U00 ARTESYN-LDS70-12-U00 Datasheet
973Kb / 3P
LED Lighting Power Supply - Class 2
logo
Neutrik AG
NA3M5F NEUTRIK-NA3M5F Datasheet
90Kb / 2P
3 pole XLR male - 5 pole XLR female for lighting (DMX) applications
NA3F5M NEUTRIK-NA3F5M Datasheet
89Kb / 2P
3 pole XLR female - 5 pole XLR male for lighting (DMX) applications
logo
EXCEL CELL ELECTRONIC C...
ETBL40 ECE-ETBL40 Datasheet
144Kb / 2P
LED Lighting SMD Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com