Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF13 Datasheet(PDF) 2 Page - Multicomp Pro

Part # SF13
Description  Ultra Fast Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SF13 Datasheet(HTML) 2 Page - Multicomp Pro

  SF13 Datasheet HTML 1Page - Multicomp Pro SF13 Datasheet HTML 2Page - Multicomp Pro SF13 Datasheet HTML 3Page - Multicomp Pro SF13 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <2>
V1.0
26/03/13
Ultra Fast Diode
Notes
1. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A.
2. Measured at 1MHz and Applied Reverse Voltage of 4V DC.
3. Mount on Cu-Pad Size 5mm × 5mm on PCB.
Ratings and Characteristic Curves
Parameters
Symbol
SF12
SF13
SF15
SF16
SF18
Units
Maximum Instantaneous Forward Voltage
at 1A
Vf
0.95
1.3
1.7
V
Maximum DC Reverse Current at Ta = 25°C
at Rated DC Blocking Voltage at Ta = 100°C
Ir
5
100
μA
μA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
30
15
pF
Typical Thermal Resistance
R
θJA
70
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
Tstg
-65 to +150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com