Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP2955 Datasheet(PDF) 2 Page - Multicomp Pro

Part # TIP2955
Description  Complementary Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP2955 Datasheet(HTML) 2 Page - Multicomp Pro

  TIP2955 Datasheet HTML 1Page - Multicomp Pro TIP2955 Datasheet HTML 2Page - Multicomp Pro TIP2955 Datasheet HTML 3Page - Multicomp Pro TIP2955 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
25/09/19
Complementary Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Max.
Unit
OFF Characteristics
Collector-Emitter Sustaining Voltage (1)
IC = 30mA, IB = 0
VCEO(SUS)
60
-
V
Collector Cut off Current
VCE = 70V, RBE= 100Ω
ICER
-
1
mA
Collector Cut off Current
VCE = 30V, IB = 0
ICEO
-
0.7
Collector Cut off Current
VCE = 100V, VBE(off) = 1.5V
ICEV
-
5
Emitter Cut off Current
VEB = 7V, IC = 0
IEBO
-
ON Characteristics (1)
DC Current Gain
IC = 4A, VCE = 4V
IC = 10A, VCE = 4V
hFE
20
5
100
-
Collector-Emitter Saturation Voltage
IC = 4A, IB = 0.4A
IC = 10A, IB = 3.3A
VCE(sat)
-
1.1
3
V
Base-Emitter On Voltage
IC = 4A, VCE = 4V
VBE(on)
-
1.8
Dynamic Characteristics
Current Gain Bandwidth Product
IC = 500mA, VCE = 10V, f = 1MHz
fT
2.5
-
MHz
Small-Signal Current Gain
IC = 1A, VCE = 4V, f = 1kHz
hfe
15
-
-
(1) Pulse Test: Pulse Width = 300μs, Duty Cycle ≤2%
(2) fT = |hfe| • ftest



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com