Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54873PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS54873PWPR
Description  4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS54873PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54873PWPR Datasheet HTML 3Page - Texas Instruments TPS54873PWPR Datasheet HTML 4Page - Texas Instruments TPS54873PWPR Datasheet HTML 5Page - Texas Instruments TPS54873PWPR Datasheet HTML 6Page - Texas Instruments TPS54873PWPR Datasheet HTML 7Page - Texas Instruments TPS54873PWPR Datasheet HTML 8Page - Texas Instruments TPS54873PWPR Datasheet HTML 9Page - Texas Instruments TPS54873PWPR Datasheet HTML 10Page - Texas Instruments TPS54873PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPS54873
SLVS444A − OCTOBER 2002 − REVISED FEBRUARY 2005
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
0
10
20
30
40
50
60
−40
−15
10
35
60
85
110
135
VI = 5 V,
IO = 8 A
DRAIN-SOURCE
ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
TJ − Junction Temperature − °C
Figure 2
250
350
450
550
650
750
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
SYNC ≥ 2.5 V
SYNC ≤ 0.8 V
Figure 3
200
300
400
500
600
700
800
−40
0
25
85
125
TJ − Junction Temperature − °C
EXTERNALLY SET
OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
RT = 68 k
RT = 100 k
RT = 180 k
Figure 4
0.885
0.887
0.889
0.891
0.893
0.895
−40
0
25
85
125
TJ − Junction Temperature − °C
VOLTAGE REFERENCE
vs
JUNCTION TEMPERATURE
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
012
3
45
67
8
IL − Load Current − A
DEVICE POWER LOSSES
vs
LOAD CURRENT
TJ = 125°C
fs = 700 kHz
VI = 5 V
Figure 5
Figure 6
VI − Input Voltage − V
OUTPUT VOLTAGE REGULATION
vs
INPUT VOLTAGE
0.885
0.887
0.889
0.891
0.893
0.895
4.5
4.8
5.1
5.4
5.7
6
Figure 7
−20
0
20
40
60
80
100
120
140
1
100
1 k
1 M
−200
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
10
10 k 100 k
10 M
f − Frequency − Hz
ERROR AMPLIFIER
OPEN LOOP RESPONSE
Phase
Gain
RL = 10 kΩ,
CL = 160 pF,
TA = 25°C
Figure 8
2.75
2.90
3.05
3.20
3.35
3.50
3.65
−40
0
25
85
125
TJ − Junction Temperature − °C
INTERNAL SLOW-START TIME
vs
JUNCTION TEMPERATURE
3.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com