Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9549D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9549D
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9549D Datasheet HTML 9Page - NXP Semiconductors PCA9549D Datasheet HTML 10Page - NXP Semiconductors PCA9549D Datasheet HTML 11Page - NXP Semiconductors PCA9549D Datasheet HTML 12Page - NXP Semiconductors PCA9549D Datasheet HTML 13Page - NXP Semiconductors PCA9549D Datasheet HTML 14Page - NXP Semiconductors PCA9549D Datasheet HTML 15Page - NXP Semiconductors PCA9549D Datasheet HTML 16Page - NXP Semiconductors PCA9549D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
13 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
10. Dynamic characteristics
[1]
Pass gate propagation delay is calculated from the 6
Ω typical R
on and the 50 pF load capacitance.
[2]
After this period, the first clock pulse is generated.
[3]
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIH(min) of the SCL signal) in order to
bridge the undefined region of the falling edge of SCL.
[4]
Cb = total capacitance of one bus line in pF.
Table 8.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
tPD
propagation delay
A to B;
VDD = 4.5 V to 5.5 V
-
0.25[1]
-
0.25[1]
ns
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
[2] 4.0
-
0.6
-
µs
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tHD;DAT
data hold time
0[3]
3.45
0[3]
0.9
µs
tSU;DAT
data set-up time
250
-
100
-
ns
tr
rise time of both SDA and SCL
signals
-
1000
20 + 0.1Cb[4] 300
ns
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[4] 300
µs
Cb
capacitive load for each bus line
-
400
-
400
µs
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
tVD;DAT
data valid time
HIGH-to-LOW
-
1
-
1
µs
LOW-to-HIGH
-
0.6
-
0.6
µs
tVD;ACK
data valid acknowledge time
-
1
-
1
µs
RESET
tw(rst)L
LOW-level reset time
4
-
4
-
ns
trst
reset time
SDA clear
500
-
500
-
ns
tREC;STA
recovery time to START condition
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com