Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT3906
Description  PNP General-Purpose Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3906 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT3906 Datasheet HTML 1Page - ON Semiconductor MMBT3906 Datasheet HTML 2Page - ON Semiconductor MMBT3906 Datasheet HTML 3Page - ON Semiconductor MMBT3906 Datasheet HTML 4Page - ON Semiconductor MMBT3906 Datasheet HTML 5Page - ON Semiconductor MMBT3906 Datasheet HTML 6Page - ON Semiconductor MMBT3906 Datasheet HTML 7Page - ON Semiconductor MMBT3906 Datasheet HTML 8Page - ON Semiconductor MMBT3906 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2N3906 / MMBT3906 / PZT3906 Rev. 1.2.2
1
April 2014
2N3906 / MMBT3906 / PZT3906
PNP General-Purpose Amplifier
Ordering Information
Part Number
Marking
Package
Packing Method
Pack Quantity
2N3906BU
2N3906
TO-92 3L
Bulk
10000
2N3906TA
2N3906
TO-92 3L
Ammo
2000
2N3906TAR
2N3906
TO-92 3L
Ammo
2000
2N3906TF
2N3906
TO-92 3L
Tape and Reel
2000
2N3906TFR
2N3906
TO-92 3L
Tape and Reel
2000
MMBT3906
2A
SOT-23 3L
Tape and Reel
3000
PZT3906
3906
SOT-223 4L
Tape and Reel
2500
2N3906
MMBT3906
PZT3906
EB C
TO-92
SOT-23
SOT-223
Mark:2A
C
B
E
E
B
C
C
Description
This device is designed for general-purpose amplifier
and switching applications at collector currents of 10 mA
to 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com