Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL0701 Datasheet(PDF) 3 Page - ON Semiconductor

Part # HCPL0701
Description  Low Input Current High Gain Split Darlington Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0701 Datasheet(HTML) 3 Page - ON Semiconductor

  HCPL0701 Datasheet HTML 1Page - ON Semiconductor HCPL0701 Datasheet HTML 2Page - ON Semiconductor HCPL0701 Datasheet HTML 3Page - ON Semiconductor HCPL0701 Datasheet HTML 4Page - ON Semiconductor HCPL0701 Datasheet HTML 5Page - ON Semiconductor HCPL0701 Datasheet HTML 6Page - ON Semiconductor HCPL0701 Datasheet HTML 7Page - ON Semiconductor HCPL0701 Datasheet HTML 8Page - ON Semiconductor HCPL0701 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0700, HCPL0701, HCPL0730, HCPL0731 Rev. 1.0.1
2
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
Reflow Temperature Profile (Refer to page 12)
EMITTER
IF (avg)
DC/Average Forward Input Current
20
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
40
mA
IF (trans)
Peak Transient Input Current - (
≤1 µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
5
V
PD
Input Power Dissipation
35
mW
DETECTOR
IO (avg)
Average Output Current (Pin 6)
60
mA
VEBR
Emitter-Base Reverse Voltage
HCPL0700/HCPL0701
0.5
V
VCC, VO
Supply Voltage, Output Voltage
HCPL0700/HCPL0730
-0.5 to 7
V
HCPL0701/HCPL0731
-0.5 to 18
PD
Output power dissipation
100
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com