Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1605IPAPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS1605IPAPR
Description  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPR Datasheet(HTML) 3 Page - Texas Instruments

  ADS1605IPAPR Datasheet HTML 1Page - Texas Instruments ADS1605IPAPR Datasheet HTML 2Page - Texas Instruments ADS1605IPAPR Datasheet HTML 3Page - Texas Instruments ADS1605IPAPR Datasheet HTML 4Page - Texas Instruments ADS1605IPAPR Datasheet HTML 5Page - Texas Instruments ADS1605IPAPR Datasheet HTML 6Page - Texas Instruments ADS1605IPAPR Datasheet HTML 7Page - Texas Instruments ADS1605IPAPR Datasheet HTML 8Page - Texas Instruments ADS1605IPAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All specifications at −40
°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, 2XMODE = low, VCM = 2.0V,
FIFO disabled, and RBIAS = 37kΩ, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
0dBFS
±1.467VREF
V
Differential input voltage (VIN)
(AINP − AINN)
−2dBFS
±1.165VREF
V
Differential input voltage (VIN)
(AINP − AINN)
−6dBFS
±0.735VREF
V
−20dBFS
±0.147VREF
V
Common-mode input voltage (VCM)
(AINP + AINN) / 2
2.0
V
Absolute input voltage
(AINP or AINN with respect to AGND)
0dBFS
−0.1
4.7
V
Absolute input voltage
(AINP or AINN with respect to AGND)
−2dBFS input and smaller
0.1
4.2
V
Dynamic Specifications
Data rate
5.0
f
CLK
40MHz
MSPS
fIN = 100kHz, −2dBFS
88
dB
fIN = 100kHz, −6dBFS
84
dB
fIN = 100kHz, −20dBFS
62
70
dB
fIN = 500kHz, −2dBFS
86
dB
Signal-to-noise ratio (SNR)
fIN = 500kHz, −6dBFS
83
dB
Signal-to-noise ratio (SNR)
fIN = 500kHz, −20dBFS
69
dB
fIN = 2MHz, −2dBFS
84
dB
fIN = 2MHz, −6dBFS
82
dB
fIN = 2MHz, −20dBFS
69
dB
fIN = 100kHz, −2dBFS
−93
dB
fIN = 100kHz, −6dBFS
−99
dB
fIN = 100kHz, −20dBFS
−94
−85
dB
fIN = 500kHz, −2dBFS
−94
dB
Total harmonic distortion (THD)
fIN = 500kHz, −6dBFS
−97
dB
Total harmonic distortion (THD)
fIN = 500kHz, −20dBFS
−93
dB
fIN = 2MHz, −2dBFS
−98
dB
fIN = 2MHz, −6dBFS
−101
dB
fIN = 2MHz, −20dBFS
−92
dB
fIN = 100kHz, −2dBFS
86
dB
fIN = 100kHz, −6dBFS
84
dB
fIN = 100kHz, −20dBFS
62
70
dB
fIN = 500kHz, −2dBFS
86
dB
Signal-to-noise and distortion (SINAD)
fIN = 500kHz, −6dBFS
83
dB
Signal-to-noise and distortion (SINAD)
fIN = 500kHz, −20dBFS
69
dB
fIN = 2MHz, −2dBFS
84
dB
fIN = 2MHz, −6dBFS
82
dB
fIN = 2MHz, −20dBFS
69
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com