Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP145 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP145
Description  POWER INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP145 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP145 Datasheet HTML 1Page - Sumida Corporation CDEP145 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP145
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆
Specification
1.Standard Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP145NP-ØR6M□-17Ø
0R6M
0.68μH±20%
1.7(1.4)
30.0
25.6
23.0
CDEP145NP-1R5M□-17Ø
1R5M
1.5μH±20%
3.0(2.5)
19.8
17.0
19.5
CDEP145NP-2R7M□-17Ø
2R7M
2.7μH±20%
4.6(3.8)
15.2
13.0
15.0
CDEP145NP-4R2M□-17Ø
4R2M
4.2μH±20%
7.4(6.2)
12.3
10.6
12.0
CDEP145NP-6R1M□-17Ø
6R1M
6.1μH±20%
10.8(9.0)
10.4
8.8
9.5
2.High Power Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at100℃)
Temperature
Rise current
(A) ※2
CDEP145NP-ØR5M□-14Ø
0R5M
0.56μH±20%
1.7(1.4)
36.0
31.2
23.0
CDEP145NP-1R2M□-14Ø
1R2M
1.2μH±20%
3.0(2.5)
25.0
20.8
19.5
CDEP145NP-2R2M□-14Ø
2R2M
2.2μH±20%
4.6(3.8)
19.2
16.0
15.0
CDEP145NP-3R5M□-14Ø
3R5M
3.5μH±20%
7.4(6.2)
15.4
13.0
12.0
CDEP145NP-5RØM□-14Ø
5R0M
5.0μH±20%
10.8(9.0)
13.1
10.8
9.5
※
Description of part name
CDEP145NP-ØR6M□-17Ø
※
1.Saturation Current: The DC current at which the inductance decreases to 75% of it's nominal value
※
2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
B Box
C Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com