Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC173M96 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC173M96
Description  CDx4HC173, CDx4HCT173 High-Speed CMOS Logic Quad D-Type Flip-Flop, Three- State
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC173M96 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC173M96 Datasheet HTML 3Page - Texas Instruments CD74HC173M96 Datasheet HTML 4Page - Texas Instruments CD74HC173M96 Datasheet HTML 5Page - Texas Instruments CD74HC173M96 Datasheet HTML 6Page - Texas Instruments CD74HC173M96 Datasheet HTML 7Page - Texas Instruments CD74HC173M96 Datasheet HTML 8Page - Texas Instruments CD74HC173M96 Datasheet HTML 9Page - Texas Instruments CD74HC173M96 Datasheet HTML 10Page - Texas Instruments CD74HC173M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
5.6 Prerequisite For Switching Characteristics
PARAMETER
VCC(V)
25°C
-40°C to 85°C
-55°C to 125°C
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
fMAX
Maximum clock frequency
2
6
5
4
MHz
4.5
30
24
20
6
35
28
24
tW
MR pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tW
Clock pulse width
2
80
100
120
ns
4.5
16
20
24
6
14
17
20
tSU
Set-up time, data to clock and
E to clock
2
60
75
90
ns
4.5
12
15
18
6
10
13
15
tH
Hold time, data to clock
2
3
3
3
ns
4.5
3
3
3
6
3
3
3
tH
Hold time, E to clock
2
0
0
0
ns
4.5
0
0
0
6
0
0
0
tREM
Removal time, MR to clock
2
60
75
90
ns
4.5
12
15
18
6
10
13
15
HCT TYPES
fMAX
Maximum clock frequency
4.5
20
16
13
MHz
tWtW
MR pulse width
4.5
15
19
22
ns
tW
Clock pulse width
4.5
25
31
38
ns
tSU
Set-up Time, E to clock
4.5
12
15
18
ns
tSU
Set-up time, data to clock
4.5
18
23
27
ns
tH
Hold time, data to clock
4.5
0
0
0
ns
tH
Hold time, E to clock
4.5
0
0
0
ns
tREM
Removal time, MR to clock
4.5
12
15
18
ns
www.ti.com
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173
SCHS158F – NOVEMBER 1998 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54HC173 CD74HC173 CD54HCT173 CD74HCT173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com