Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18542KTT Datasheet(PDF) 13 Page - Texas Instruments

Part # CSD18542KTT
Description  CSD18542KTT 60V N-Channel NexFET™ Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD18542KTT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CSD18542KTT Datasheet HTML 8Page - Texas Instruments CSD18542KTT Datasheet HTML 9Page - Texas Instruments CSD18542KTT Datasheet HTML 10Page - Texas Instruments CSD18542KTT Datasheet HTML 11Page - Texas Instruments CSD18542KTT Datasheet HTML 12Page - Texas Instruments CSD18542KTT Datasheet HTML 13Page - Texas Instruments CSD18542KTT Datasheet HTML 14Page - Texas Instruments CSD18542KTT Datasheet HTML 15Page - Texas Instruments CSD18542KTT Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.ti.com
PACKAGE OUTLINE
C
1.32
1.22
1.40
1.17
8.55
8.15
2X 5.08
2X
1.36
1.23
15.5
14.7
2X
0.90
0.77
4.7
4.4
0.25
0.00
0.25
GAGE PLANE
7.48
7.08
8
0
0.47
0.34
2.6
2.0
1.75 MAX
B
9.25
9.05
A
10.26
10.06
2.6
2.0
-8
0
0.25
GAGE PLANE
4222117/C 02/2017
TO-263 - 4.7 mm max height
KTT0002A
TO-263
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Features may not exist and shape may vary per different assembly sites.
4. Reference JEDEC registration TO-263.
1
0.25
C A B
2
3
OPTIONAL
NOTE 3
NOTE 3
THERMAL PAD
EXPOSED
3
4
1
2
OPTIONAL LEAD FORM
SCALE 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com