Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19535KCS Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD19535KCS
Description  CSD19535KCS 100V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19535KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD19535KCS Datasheet HTML 1Page - Texas Instruments CSD19535KCS Datasheet HTML 2Page - Texas Instruments CSD19535KCS Datasheet HTML 3Page - Texas Instruments CSD19535KCS Datasheet HTML 4Page - Texas Instruments CSD19535KCS Datasheet HTML 5Page - Texas Instruments CSD19535KCS Datasheet HTML 6Page - Texas Instruments CSD19535KCS Datasheet HTML 7Page - Texas Instruments CSD19535KCS Datasheet HTML 8Page - Texas Instruments CSD19535KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Specifications.................................................................. 3
4.1 Electrical Characteristics.............................................3
4.2 Thermal Information....................................................3
4.3 Typical MOSFET Characteristics................................ 4
5 Device and Documentation Support..............................7
5.1 Third-Party Products Disclaimer................................. 7
5.2 Receiving Notification of Documentation Updates......7
5.3 Support Resources..................................................... 7
5.4 Trademarks.................................................................7
5.5 Electrostatic Discharge Caution..................................7
5.6 Glossary......................................................................7
6 Revision History.............................................................. 7
7 Mechanical, Packaging, and Orderable Information.... 8
CSD19535KCS
SLPS484C – JANUARY 2014 – REVISED MAY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CSD19535KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com