Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDEP134 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDEP134
Description  POWER INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134 Datasheet(HTML) 2 Page - Sumida Corporation

  CDEP134 Datasheet HTML 1Page - Sumida Corporation CDEP134 Datasheet HTML 2Page - Sumida Corporation CDEP134 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: CDEP134, CDEP134C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
POWER INDUCTORS <SMD Type: CDEP Series>
◆
Land Pattern (mm)
◆
Schematics (Bottom)
※:
2.3――CDEP134
(For 2 types)
※:
2.6――CDEP134C
◆
Specification(CDEP134)
1.Standard Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
rise
current
(A) ※2
CDEP134NP-ØR4N□
0R4N
0.4μH±30%
1.9(1.6)
32.0
27.0
18.5
CDEP134NP-ØR9M□
0R9M
0.9μH±20%
2.5(2.1)
21.6
18.4
17.0
CDEP134NP-1R6M□
1R6M
1.6μH±20%
3.7(3.1)
16.0
13.8
15.0
CDEP134NP-2R5M□
2R5M
2.5μH±20%
6.6(5.5)
12.8
11.0
10.5
CDEP134NP-3R6M□
3R6M
3.6μH±20%
10.8(9.0)
10.9
9.1
8.0
CDEP134NP-4R8M□
4R8M
4.8μH±20%
12.0(10.0)
9.3
8.0
7.5
CDEP134NP-6R4M□
6R4M
6.4μH±20%
16.3(13.6)
8.0
6.8
7.0
CDEP134NP-8RØM□
8R0M
8.0μH±20%
18.4(15.3)
7.2
6.1
6.5
2.High Power Type
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃)
(at 100℃)
Temperature
rise
current
(A) ※2
CDEP134NP-ØR3N□-H 0R3NH
0.30μH±30%
1.9(1.6)
35.0
32.0
18.5
CDEP134NP-ØR6N□-H 0R6NH
0.66μH±30%
2.5(2.1)
29.0
24.0
17.0
CDEP134NP-1R2M□-H 1R2MH
1.2μH±20%
3.7(3.1)
21.0
17.6
15.0
CDEP134NP-1R8M□-H 1R8MH
1.8μH±20%
6.6(5.5)
17.6
14.4
10.5
CDEP134NP-2R7M□-H 2R7MH
2.7μH±20%
10.8(9.0)
14.7
12.0
8.0
CDEP134NP-3R6M□-H 3R6MH
3.6μH±20%
12.0(10.0)
12.5
10.2
7.5
CDEP134NP-4R8M□-H 4R8MH
4.8μH±20%
16.3(13.6)
11.0
9.0
7.0
CDEP134NP-6RØM□-H 6R0MH
6.0μH±20%
18.4(15.3)
9.6
8.0
6.5
9.4
15.0
①
②
③



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com