Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

206866-3000.. Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 206866-3000..
Description  Combo External Antennas (4G/Wi-Fi/GPS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

206866-3000.. Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  206866-3000.. Datasheet HTML 1Page - Molex Electronics Ltd. 206866-3000.. Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2019 Molex
Order No. 987651-8702 Rev. 1
APS/0k/GF/2019.06
Ordering Information
Specifications
REFERENCE INFORMATION
Packaging: Box
Use With: FAKRA connectors (Model C/D/E) for
series 206866 and (Model C/D) for series 211297
Designed In: Millimeters
RoHS: Yes
Halogen Free: Yes
Glow Wire Compliant: No
ELECTRICAL (GPS ANTENNA)
Frequency Range: 1,575.42±1.023 MHz for series
206866 and 1561.098±2.046 MHz,
1,575.42±1.023 MHz for series 211297
Average Total Efficiency: 26.2% for series 206866
and 22.3% (1561.098±2.046 MHz), 22.1%
(1,575.42±1.023 MHz) for series 211297
Peak Gain: 3dBi based on 70 by 70mm ground
plane (206866) and -2.1dBi based on 70 by
70mm ground plane (211297)
Polarization: RHCP
ELECTRICAL (GPS LNA)
Frequency Range: 1,575.42±1.023 MHz
DC Voltage: 3 to 5V (206866) and 3V (211297)
DC Current: 11±3mA (at 3.3V)
Noise Figure: ≤1.5 dB
Gain: 28±3 dB (206866) and 25±3 dB (211297)
ELECTRICAL (4G ANTENNA)
Frequency Range: 824 to 960 MHz,
1.71 to 2.60 GHz for series 206866 and 211297
Average Total Efficiency: 21.6% (824 to 960 MHz),
27.2% (1.71 to 2.60 GHz) for series 206866
and 33.6% (824 to 960 MHz), 26.8% (1.71 to
2.60 GHz) for series 211297
Peak Gain: -0.5 dBi type (824 to 960 MHz),
0 dBi type (1.71 to 2.60 GHz) for series 206866
and -0.8dBi type (824 to 960 MHz), 0.4 dBi type
(1.71 to 2.60 GHz) for series 211297
Polarization: Linear
ELECTRICAL
(WI-FI AND BLUETOOTH ANTENNA) (206866)
Frequency Range: 2.4 to 2.5 GHz
Average Total Efficiency: 23.3%
Peak Gain: -2.7 dBi
Polarization: Linear
MECHANICAL
Pull Force: ≥15N
PHYSICAL
Housing: ABS
IP Rating: IP66
PCB: FR4
Shielding Case: Tin plate
Cable: RG174
Adhesive: 3M
Operating Temperature: -40 to +85°C
Series No.
Operating Frequencies
Cable Length
Cable Connectors
206866
GPS:1575.42 ± 1.023 MHz
4G:824 to 960 MHz, 1.71 to 2.60 GHz
Wi-Fi: 2.4 to 2.5 GHz
3.0m
FAKRA (Model C/D/E)
211297
GPS: 1561.098±2.046 MHz
1575.42 ± 1.023 MHz
4G:824 to 960 MHz
1.71 to 2.60 GHz
3.0m
FAKRA (Model C/D)
Custom Product
Cable Connectors
Contact Molex
SMA, MMCX and others
www.molex.com/link/external_antennas.html
Combo External Antennas
(4G/Wi-Fi/GPS)
Molex is a registered trademark of Molex, LLC in the United States of America and may be registered in other countries; all other trademarks listed herein belong to their respective owners.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com