Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

217841 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 217841
Description  Pre-Crimped Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

217841 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  217841 Datasheet HTML 1Page - Molex Electronics Ltd. 217841 Datasheet HTML 2Page - Molex Electronics Ltd. 217841 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MX150
216300, 216301,
216302, 216303
150, 225, 300, 450, 600
Female, Male
Female, Male
14, 16, 18
TXL
Nano-Fit
79758
150, 300
Female
Female
20
UL 1061
PicoBlade
79758, 214920,
214921, 214922,
214923
75, 150, 225, 300, 450
Female, Male
Female, Male
26, 28
UL1061
Pico-Clasp
79758
150, 300
Female
Female
28
UL 1571
Pico-EZmate
79758
300
Female
Female
28
UL 1516
Pico-Lock
79758
150, 300
Female
Female
24, 30
UL 1061, UL 1571
Pico-SPOX
79758
150, 300
Female
Female
24
UL 1061
Sabre
79758
150, 300
Female, Male
Female, Male
16
UL 1015
Sherlock
79758
150, 300
Female
Female
26
UL 1061
SL
79758
150
Female
Female
22
UL 1061
Squba 1.80mm
217790, 217791,
217792, 217793
75, 150, 225, 300,450
Female
Female
22, 24
UL 10002
Squba 3.60mm
215345, 215346,
215347, 215348
75, 150, 225, 300, 450
Female, Male
Female, Male
16, 18, 20
UL 11028
Standard .062"
79758
150, 300
Female, Male
Female, Male
22
UL 1015
Standard .093"
79758
150, 300
Female, Male
Female, Male
18
UL 1015
Ordering Information
Product Family
Series Number
Length (mm)
Connector A
Connector B
Wire Size (AWG)
Wire/Cable Type
Pre-Crimped Leads
©2022 Molex
Order No. 987651-2631 Rev. 13
USA/0k/GF/2022.07
www.molex.com/link/precrimped.html
Molex is a registered trademark of Molex, LLC in the United States of America and may be registered in other countries; all other trademarks listed herein belong to their respective owners.
Product Family
Series Number
Length (mm)
Stud Size
Wire Termination
Wire Size (AWG)
Wire/Cable Type
Solderless Ring Terminal
217851
150
10 (M5)
Blunt cut
16 AWG
UL 1015
300
600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com