Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1799 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 1799
Description  3.5mm (1/8") DIY 4-Pole (TRRS) Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1799 Datasheet(HTML) 1 Page - Adafruit Industries

  1799 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.5mm (1/8") DIY 4-Pole (TRRS) Plug
PRODUCT ID: 1799
Description
Repair or design your very own audio cables with these nice and durable phono-jack connectors. This is a great plug
to make your own cable with. it's made out of durable metal with a flexible, sturdy spring for strain-relief. Just
solder the connector to some wires and you have a DIY audio cable that can rival the best!
This item is a 3.5mm TRRS Plug with four poles. TRRS stands for Tip, Ring, Ring, Sleeve. It has four total
conductors - three signal and a ground as opposed to a more common stereo jack's two. This connector is most often
used in smartphones & cellphones to provide stereo audio and one mic channel.
Technical Details
Dimensions:
o
Length of Plug: 16mm / 0.6"
o
Length of Spring: 18mm / 0.7"
o
Length of Enclosure: 23mm / 0.9"
o
Weight: 5.4g
                              Engineered in NYC Adafruit ® https://www.adafruit.com/product/1799 6‐23‐17 


Similar Part No. - 1799

ManufacturerPart #DatasheetDescription
logo
Heyco.
1799 HEYCO-1799 Datasheet
157Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Molex Electronics Ltd.
1799-MAG MOLEX11-1799-MAG Datasheet
112Kb / 1P
TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAG1 MOLEX11-1799-MAG1 Datasheet
112Kb / 1P
TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
1799-MAT MOLEX11-1799-MAT Datasheet
112Kb / 1P
TERMINAL - RIGHT ANGLE MODIFIED FOR EDGE CONNECTORS
logo
Weidmuller
1799000000 WEIDMULLER-1799000000 Datasheet
81Kb / 5P
BCZ 3.81/02/270 SN GN BX
More results

Similar Description - 1799

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
List of Unclassifed Man...
FZ800ED-DIY ETC-FZ800ED-DIY Datasheet
75Kb / 1P
DIY
logo
Tripp Lite. All Rights ...
P318006MF TRIPPLITE-P318006MF Datasheet
486Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M-F) 6-ft
P318-006-MF TRIPPLITE-P318-006-MF Datasheet
161Kb / 2P
3.5mm Mini Stereo Audio 4 Position TRRS Headset Extension Cable (M/F) 6-ft.
logo
Kycon, Inc.
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
logo
Neutrik AG
NP2RX-TIMBRE NEUTRIK-NP2RX-TIMBRE Datasheet
75Kb / 3P
Right angle 1/4' 2 pole timbre plug
logo
List of Unclassifed Man...
MJ-064H ETC1-MJ-064H Datasheet
488Kb / 2P
3.5mm Jack - Socket, 4 pole
logo
SparkFun Electronics
COM-15337 SPARKFUN-COM-15337 Datasheet
112Kb / 2P
TRRS Audio Plug - 3.5mm (Metal)
7??2??9
logo
Molex Electronics Ltd.
732390230 MOLEX-732390230 Datasheet
77Kb / 1P
MX-VNA 3.5MM PLUG TO 3.5MM PLUG CABLE ASSEMBLY
2023/04/24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com