Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 2002
Description  Silicone Cover Stranded-Core Wire - 2m 30AWG Blue
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2002 Datasheet(HTML) 1 Page - Adafruit Industries

  2002 Datasheet HTML 1Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicone Cover Stranded-Core Wire - 2m 30AWG Blue
PRODUCT ID: 2002
Description
Silicone-sheathing wire is super-flexible and soft, and its also strong! Able to handle up to 200°C and up to
600V, it will do when PVC covered wire wimps out. We like this wire for being extremely supple and
flexible, so it is great for wearables or projects where the wire-harness has to be able to deal with a lot of
bending.
Comes with 2m of blue wire. The wire is 30AWG stranded with an outer diameter of 0.8mm.
Technical Details
o
Length: 2 meters / 78.7"
o
Outer Diameter: 0.8mm / 0.03"
o
Resistance: 331 Ω/Km
o
Current Handling Capability: ~0.8 A (depends on length and voltage!)
o
Temperature Range: -60°C ~ 200°C
o
Nominal Voltage: 600V
o
Weight: 2.4g
 
                                                                      Engineered in NYC Adafruit ® 


Similar Part No. - 2002

ManufacturerPart #DatasheetDescription
logo
Dwyer Instruments,
2002 DWYER-2002 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Serpac
2002 SERPAC-2002 Datasheet
119Kb / 1P
A-20
10-07-98
logo
ABB
2002 ABB-2002 Datasheet
324Kb / 2P
2001 Standard
logo
Toshiba Semiconductor
2002-001009 TOSHIBA-2002-001009 Datasheet
5Mb / 70P
COLOUR TELEVISION
2002-001010 TOSHIBA-2002-001010 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 2002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114A ETC2-114A Datasheet
56Kb / 2P
Silicone Insulated Equipment Wire
BU-2929-M-10-0 ETC2-BU-2929-M-10-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-20-0 ETC2-BU-2929-M-20-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-39-0 ETC2-BU-2929-M-39-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
BU-2929-M-72-0 ETC2-BU-2929-M-72-0 Datasheet
56Kb / 1P
Testlead, 4mm Stackable Bananas on Silicone Wire
WI-M-18-0 ETC2-WI-M-18-0 Datasheet
84Kb / 1P
18AWG Silicone Wire Specifications
PP001104 ETC2-PP001104 Datasheet
281Kb / 3P
High Temperature Silicone Wire SIAF/GL
logo
Japan Aviation Electron...
IL-Y-C3-A-10000 JAE-IL-Y-C3-A-10000 Datasheet
127Kb / 1P
APPLICABLE WIRE:#26~$30AWG, STRANDED
logo
Tripp Lite. All Rights ...
N020-01K-BL TRIPPLITE-N020-01K-BL Datasheet
160Kb / 2P
Cat5e 350MHz Bulk Stranded-Core PVC Cable - Blue, 1000-ft., TAA
logo
SparkFun Electronics
TOL-14762 SPARKFUN-TOL-14762 Datasheet
912Kb / 2P
Wire Strippers - 22-30AWG
9??7??8
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com