Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804010 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804010
Description  EO-D/PT/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804010 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804010 Datasheet HTML 1Page - PHOENIX CONTACT 0804010 Datasheet HTML 2Page - PHOENIX CONTACT 0804010 Datasheet HTML 3Page - PHOENIX CONTACT 0804010 Datasheet HTML 4Page - PHOENIX CONTACT 0804010 Datasheet HTML 5Page - PHOENIX CONTACT 0804010 Datasheet HTML 6Page - PHOENIX CONTACT 0804010 Datasheet HTML 7Page - PHOENIX CONTACT 0804010 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, for India/Africa and other countries, Type: D, connection method: Push-in spring
connection, color: green, nom. voltage: 250 V AC (50 Hz), nominal current: 6 A, for mounting on
a DIN rail in the service interface or direct mounting, Country marking: India / Africa
Commercial data
Item number
0804010
Packing unit
5 pc
Minimum order quantity
5 pc
Product key
BE7626
GTIN
4055626225531
Weight per piece (including packing)
70.09 g
Weight per piece (excluding packing)
70.09 g
Country of origin
PL
EO-D/PT/GN - Socket
0804010
https://www.phoenixcontact.com/us/products/0804010
Sep 9, 2025, 12:09AM
Page 1 (8)


Similar Part No. - 0804010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804011 PHOENIX-0804011 Datasheet
268Kb / 8P
EO-D/PT/LED - Socket
0804012 PHOENIX-0804012 Datasheet
269Kb / 8P
EO-D/PT/LED/GN - Socket
0804013 PHOENIX-0804013 Datasheet
273Kb / 8P
EO-D/PT/LED/DUO - Double socket
0804014 PHOENIX-0804014 Datasheet
274Kb / 8P
EO-D/PT/LED/DUO/GN - Double socket
0804017 PHOENIX-0804017 Datasheet
269Kb / 8P
EO-E/UT/SH/GN - Socket
More results

Similar Description - 0804010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
3209513 PHOENIX-3209513 Datasheet
468Kb / 22P
Feed-through terminal block - PT 2,5 GN
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com