Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804012 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804012
Description  EO-D/PT/LED/GN - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804012 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804012 Datasheet HTML 1Page - PHOENIX CONTACT 0804012 Datasheet HTML 2Page - PHOENIX CONTACT 0804012 Datasheet HTML 3Page - PHOENIX CONTACT 0804012 Datasheet HTML 4Page - PHOENIX CONTACT 0804012 Datasheet HTML 5Page - PHOENIX CONTACT 0804012 Datasheet HTML 6Page - PHOENIX CONTACT 0804012 Datasheet HTML 7Page - PHOENIX CONTACT 0804012 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Permissible humidity (storage/transport)
30 % ... 70 %
Mounting
Mounting type
for mounting on a DIN rail in the service interface or direct
mounting
EO-D/PT/LED/GN - Socket
0804012
https://www.phoenixcontact.com/us/products/0804012
Sep 9, 2025, 12:33AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com