Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804013 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804013
Description  EO-D/PT/LED/DUO - Double socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804013 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804013 Datasheet HTML 1Page - PHOENIX CONTACT 0804013 Datasheet HTML 2Page - PHOENIX CONTACT 0804013 Datasheet HTML 3Page - PHOENIX CONTACT 0804013 Datasheet HTML 4Page - PHOENIX CONTACT 0804013 Datasheet HTML 5Page - PHOENIX CONTACT 0804013 Datasheet HTML 6Page - PHOENIX CONTACT 0804013 Datasheet HTML 7Page - PHOENIX CONTACT 0804013 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Double socket, with light indicator, Type: D, connection method: Push-in spring connection,
color: gray, nom. voltage: 250 V AC (50 Hz), nominal current: 6 A, DIN rail or direct mounting,
Country marking: India / Africa
Commercial data
Item number
0804013
Packing unit
2 pc
Minimum order quantity
2 pc
Product key
BE7626
GTIN
4055626225562
Weight per piece (including packing)
134.65 g
Weight per piece (excluding packing)
9.99 g
Country of origin
PL
EO-D/PT/LED/DUO - Double socket
0804013
https://www.phoenixcontact.com/us/products/0804013
Sep 9, 2025, 12:10AM
Page 1 (8)


Similar Part No. - 0804013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804010 PHOENIX-0804010 Datasheet
266Kb / 8P
EO-D/PT/GN - Socket
0804011 PHOENIX-0804011 Datasheet
268Kb / 8P
EO-D/PT/LED - Socket
0804012 PHOENIX-0804012 Datasheet
269Kb / 8P
EO-D/PT/LED/GN - Socket
0804014 PHOENIX-0804014 Datasheet
274Kb / 8P
EO-D/PT/LED/DUO/GN - Double socket
0804017 PHOENIX-0804017 Datasheet
269Kb / 8P
EO-E/UT/SH/GN - Socket
More results

Similar Description - 0804013

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
logo
Molex Electronics Ltd.
SD-35842-002 MOLEX-SD-35842-002 Datasheet
236Kb / 1P
SEALED PT BULB SOCKET DOUBLE HOUSING ASSY (B-TYPE)
2019/11/11
logo
PHOENIX CONTACT
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com